전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ADP125ARHZ-R7

  • AI
    ## Detailed Technical Overview: ADP125ARHZ-R7 The **ADP125ARHZ-R7** is a high-performance, low-quiescent-current, linear voltage regulator (LDO) manufactured by Analog Devices. It is specifically designed for applications where space and power efficiency are critical. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Manufacturer** | Analog Devices | | **Regulator Type** | Low Dropout (LDO) | | **Input Voltage Range** | 2.3 V to 5.5 V | | **Output Voltage** | Adjustable (0.8 V to 5.0 V) | | **Max Output Current** | 500 mA | | **Dropout Voltage** | 130 mV @ 500 mA | | **Quiescent Current** | 45 µA (typical) | | **Package** | 8-Lead MSOP (Micro Small Outline Package) | | **Operating Temp** | -40°C to +125°C | --- ### 2. Core Functional Components The internal architecture of the ADP125 consists of several critical electronic blocks: * **Error Amplifier:** Compares the feedback voltage from the output against an internal 0.8 V reference to maintain regulation. * **PMOS Pass Transistor:** Acting as the primary power element, it allows for a low dropout voltage. * **Internal Reference:** A precise 0.8 V bandgap reference ensures stable output over temperature changes. * **Current Limit & Thermal Overload Protection:** Protects the device from damage during short circuits or excessive heat. * **Shutdown Logic:** Includes an Enable (EN) pin to turn off the device, reducing current consumption to less than 1 µA. --- ### 3. Application Circuit Example The output voltage is set using an external resistor divider ($R_1$ and $R_2$) connected to the ADJ pin. ```python # Formula for calculating Output Voltage: # V_out = 0.8V * (1 + R1 / R2) # Recommended Capacitors: # Input: 1.0 µF Ceramic # Output: 1.0 µF Ceramic (Low ESR) ``` --- ### 4. Advantages & Use Cases * **Efficiency:** The low quiescent current (45 µA) significantly extends battery life in portable devices. * **Stability:** It is stable with small 1 µF ceramic capacitors, reducing the overall PCB footprint. * **Target Applications:** * Mobile phones and digital cameras. * Post-regulation for switching supplies. * Battery-powered medical devices. * Laptop and palmtop computers.
    ✨ Follow-up Questions
    • ⤷ How do I calculate the specific resistor values for a 3.3V output?
    • ⤷ What are the thermal considerations when running this LDO at maximum current?
    • ⤷ Does this part have an alternative in a smaller package like WLCSP?