전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ADP151ACBZ-1.1-R7

  • AI
    The **ADP151ACBZ-1.1-R7** is a high-performance, ultra-low noise, low dropout (LDO) linear regulator manufactured by Analog Devices. It is specifically designed to provide a stable 1.1V output for noise-sensitive analog and mixed-signal applications. --- ### ## Technical Specifications | Parameter | Specification | | :--- | :--- | | **Manufacturer** | Analog Devices Inc. | | **Output Voltage** | 1.1 V (Fixed) | | **Input Voltage Range** | 2.2 V to 5.5 V | | **Maximum Output Current** | 200 mA | | **Dropout Voltage** | 140 mV @ 200 mA | | **Quiescent Current (Low Load)** | 10 $\mu$A | | **PSRR (at 10 kHz)** | 70 dB | | **Package / Case** | 4-Ball WLCSP (Wafer Level Chip Scale Package) | --- ### ## Key Features and Components 1. **Ultra-Low Noise:** It operates with a typical output noise of $9 \mu V_{RMS}$, making it ideal for powering sensitive RF components or high-fidelity audio circuits. 2. **Internal Protection Circuits:** * **Current-Limit Protection:** Prevents damage during short-circuit conditions. * **Thermal Shutdown:** Shuts the device off if the junction temperature exceeds safety limits. 3. **Enable Input (EN Pin):** Allows the chip to be toggled on or off. When disabled, the shutdown current drops to less than 1 $\mu$A, conserving battery life in portable devices. 4. **Stable with Small Capacitors:** The internal frequency compensation is designed to be stable with small $1 \mu F$ ceramic input and output capacitors. --- ### ## Application Context Because of its small footprint (WLCSP package) and high power supply rejection ratio (PSRR), this part is commonly found in: * **Mobile Phones:** Powering camera modules or sensors. * **Medical Equipment:** Portable imaging or monitoring devices. * **Precision Instrumentation:** Where voltage ripples could interfere with data conversion. --- ### ## Pin Configuration (WLCSP) | Pin | Designation | Description | | :--- | :--- | :--- | | **A1** | **VIN** | Regulator Input Supply | | **A2** | **VOUT** | Regulated Output Voltage (1.1V) | | **B1** | **EN** | Enable Input (Active High) | | **B2** | **GND** | Ground | ---
    ✨ Follow-up Questions
    • ⤷ What are the thermal considerations when using the WLCSP package for this LDO?
    • ⤷ How does the PSRR of the ADP151 compare to other LDOs in its class?
    • ⤷ Can the ADP151 be used with an input voltage higher than 5.5V?