전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ADP151ACPZ-1.5-R7

  • AI
    ## Overview of ADP151ACPZ-1.5-R7 The **ADP151ACPZ-1.5-R7** is an ultra-low noise, low dropout (LDO) linear regulator manufactured by Analog Devices. It is specifically designed to provide a stable, clean voltage supply for noise-sensitive analog and mixed-signal circuits. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Output Voltage** | 1.5V (Fixed) | | **Input Voltage Range** | 2.2V to 5.5V | | **Maximum Output Current** | 200 mA | | **Dropout Voltage** | 140 mV (at 200 mA load) | | **Quiescent Current** | 10 μA (at no load) | | **PSRR (Power Supply Rejection Ratio)** | 70 dB at 10 kHz | | **Output Noise** | 9 μV rms (typical) | | **Package Type** | 6-lead LFCSP (2mm x 2mm) | --- ### 2. Functional Features * **Low Noise Performance:** It is engineered for applications where power supply noise can degrade performance, such as in RF or high-speed data converters. * **High PSRR:** Effectively filters out ripples from the input power source, making it ideal for post-regulation after a switching regulator. * **Stability with Small Capacitors:** It is stable with tiny 1 μF ceramic input and output capacitors, which helps minimize the PCB footprint. * **Enable Input:** Features an EN pin to turn the device on or off, reducing current consumption to less than 1 μA in shutdown mode. * **Protection Circuitry:** Includes internal thermal overload protection and short-circuit protection. --- ### 3. Pin Configuration (6-Lead LFCSP) | Pin No. | Mnemonic | Description | | :--- | :--- | :--- | | 1 | **VIN** | Regulator Input Supply. | | 2 | **NC/NC** | No Connect (or internally connected). | | 3 | **EN** | Enable Input. High = On, Low = Off. | | 4 | **GND** | Ground. | | 5 | **NC** | No Connect. | | 6 | **VOUT** | Regulated Output Voltage (1.5V). | | **EP** | **Exposed Pad** | Should be connected to Ground for thermal dissipation. | --- ### 4. Typical Applications * **Mobile Phones:** Powering camera modules and digital signal processors. * **Precision Instrumentation:** Providing clean power to Op-Amps and ADCs. * **Portable Medical Devices:** Where battery life and low noise are critical. * **RF Transceivers:** Used to minimize interference in wireless communication. ---
    ✨ Follow-up Questions
    • ⤷ What are the differences between the ADP151 and ADP150 series?
    • ⤷ How does the dropout voltage affect battery-powered designs?
    • ⤷ Can this LDO be used with an input voltage higher than 5.5V?