전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ADP160ACBZ-3.3-R7

  • AI
    ## Overview of ADP160ACBZ-3.3-R7 The **ADP160ACBZ-3.3-R7** is a high-performance, ultra-low quiescent current, low dropout (LDO) linear regulator manufactured by **Analog Devices**. It is specifically designed for portable and wireless applications where battery life and space are critical. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Input Voltage Range** | 2.2V to 5.5V | | **Output Voltage (Fixed)** | 3.3V | | **Maximum Output Current** | 150 mA | | **Dropout Voltage** | 60 mV at 150 mA load | | **Quiescent Current ($I_q$)** | 560 nA (with no load) | | **Package Type** | 4-ball WLCSP (Wafer Level Chip Scale Package) | | **Operating Temperature** | -40°C to +125°C | --- ### 2. Core Electronic Components & Architecture The internal circuitry of the ADP160 is optimized for efficiency and stability. Key internal "parts" include: 1. **PMOS Pass Element:** Acts as the main power transistor. Its low "ON" resistance allows for a very low dropout voltage, meaning the regulator can maintain 3.3V even when the input voltage is only slightly higher (approx. 3.36V). 2. **Low-Power Bandgap Reference:** Provides a stable reference voltage used to compare against the output to ensure accuracy. 3. **Error Amplifier:** Constantly adjusts the gate of the PMOS transistor to keep the output voltage steady despite changes in load or input. 4. **Soft Start Circuitry:** Limits the inrush current during startup to protect the battery and the device. 5. **Shutdown Logic:** Features an "Enable" (EN) pin. When pulled low, it reduces the current consumption to less than 50 nA. --- ### 3. Application Use Cases Because of its tiny footprint and extremely low power draw, this part is commonly found in: * **IoT Sensors:** Devices that spend most of their time in sleep mode. * **Wearables:** Smartwatches and fitness trackers. * **Mobile Handsets:** For powering specific low-power sub-systems. * **Remote Controls:** Ensuring long shelf-life for batteries. --- ### 4. Implementation Circuit A typical circuit for this LDO requires very few external components: ```c // Typical Schematic Connection [Input Source] ----> [VIN Pin] ---- [VOUT Pin] ----> [System Load (3.3V)] | | [0.1uF Capacitor] [1uF Capacitor] | | [GND] [GND] ``` * **Input Capacitor ($C_{IN}$):** A 0.1 µF ceramic capacitor is recommended to improve transient response. * **Output Capacitor ($C_{OUT}$):** A 1 µF ceramic capacitor is required for stability.
    ✨ Follow-up Questions
    • ⤷ What are the differences between the ADP160 and the ADP161 series?
    • ⤷ How does the ultra-low quiescent current impact battery life calculations?
    • ⤷ Are there alternative packages available if I cannot use WLCSP?