전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ADP1612ARMZ-R7

  • AI
    ## Overview of ADP1612ARMZ-R7 The **ADP1612ARMZ-R7** is a high-efficiency, step-up (boost) DC-to-DC switching converter manufactured by **Analog Devices**. It is designed to provide adjustable output voltages from a low-voltage input source, making it ideal for battery-powered applications. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Input Voltage Range** | 1.8V to 5.5V | | **Output Voltage Range** | Adjustable up to 20V | | **Switching Frequency** | Selectable: 650 kHz or 1.3 MHz | | **Current Limit** | 1.4 A (Internal Switch) | | **Efficiency** | Up to 90% | | **Package Type** | 8-Lead MSOP (Micro Small Outline Package) | | **Operating Temperature** | -40°C to +85°C | --- ### 2. Core Functional Components The ADP1612 integrates several electronic subsystems within its silicon to ensure stable power delivery: 1. **Internal Power Switch:** A 1.4 A, low resistance n-channel MOSFET is built into the chip, reducing the need for an external transistor. 2. **PWM Control Loop:** It uses current-mode Pulse Width Modulation (PWM) for excellent transient response and easy compensation. 3. **Frequency Pin (FREQ):** This allows the user to choose between 650 kHz (for higher efficiency) or 1.3 MHz (for smaller external components like inductors and capacitors). 4. **Soft Start:** Includes an internal soft-start circuit to prevent "inrush current" during startup, which protects the battery and the circuit. 5. **Shutdown Mode:** A logic-level shutdown pin reduces the quiescent current to less than 1 µA, preserving battery life when the device is inactive. --- ### 3. Application Circuit Components To function as a complete boost converter, the ADP1612 requires specific external electronic parts: * **Inductor ($L$):** Stores energy during the "on" cycle and releases it to the output. * **Schottky Diode ($D$):** Prevents the output capacitor from discharging back through the switch. * **Input/Output Capacitors ($C_{in}, C_{out}$):** Ceramic capacitors are recommended to filter noise and stabilize voltage. * **Resistor Divider ($R_1, R_2$):** Connected to the Feedback (FB) pin to set the desired output voltage based on the formula: `Vout = 1.235V * (1 + R1/R2)` --- ### 4. Common Use Cases * **TFT LCD Bias Supplies:** Providing the high voltages required for display panels. * **Portable Devices:** Boosting 3.3V or Li-Ion battery voltages to 5V or 12V. * **White LED Drivers:** Powering strings of LEDs in series. * **Digital Cameras:** Managing power for internal sensors and processors.
    ✨ Follow-up Questions
    • ⤷ How do I calculate the inductor value for a 1.3 MHz switching frequency?
    • ⤷ What are the advantages of using the 650 kHz mode over the 1.3 MHz mode?
    • ⤷ Can the ADP1612 be used in a SEPIC configuration for buck-boost applications?