전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ADP162ACBZ-2.1-R7

  • AI
    The **ADP162ACBZ-2.1-R7** is a high-performance, ultra-low quiescent current, low dropout (LDO) linear regulator manufactured by Analog Devices. It is specifically designed for portable and battery-powered applications where power efficiency and space-saving are critical. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Output Voltage (Fixed)** | 2.1 V | | **Input Voltage Range** | 2.2 V to 5.5 V | | **Maximum Output Current** | 150 mA | | **Quiescent Current (No Load)** | 560 nA (Typical) | | **Shutdown Current** | < 50 nA | | **Dropout Voltage** | 150 mV @ 150 mA load | | **Package Type** | 4-ball WLCSP (Wafer Level Chip Scale Package) | | **Operating Temperature** | -40°C to +125°C | --- ### 2. Core Functional Components The internal architecture of the ADP162 series consists of several critical electronic blocks: * **Low-Dropout Pass Transistor:** It utilizes a PMOS pass element. Unlike PNP-based regulators, the base current does not increase as the dropout voltage is reached, maintaining high efficiency. * **Precision Bandgap Reference:** Provides a highly stable 2.1V reference voltage across varying temperatures and input voltages. * **Error Amplifier:** Monitors the output voltage and adjusts the gate of the PMOS pass transistor to maintain regulation. * **Shutdown Logic (EN Pin):** Allows the device to be completely disabled. When the Enable pin is low, the dissipation drops to near-zero (nano-ampere range). --- ### 3. Application Use-Cases Due to its ultra-low power consumption and tiny footprint, this part is commonly used in: 1. **Wearable Electronics:** Smartwatches and fitness trackers. 2. **IoT Sensors:** Remote wireless sensors that need to run for years on a single coin-cell battery. 3. **Mobile Handsets:** Providing clean power to noise-sensitive analog rails. 4. **Medical Implants/Portables:** Devices requiring high reliability and minimal heat dissipation. --- ### 4. Implementation Example (Basic Circuit) To ensure stability, the ADP162 requires minimal external components. Small 1 μF ceramic capacitors are typically recommended. ```markdown Vin (2.2V - 5.5V) ----[ Cin 1uF ]----| ADP162 |----[ Cout 1uF ]---- Vout (2.1V) | EN | ---------- | Enable Signal ```
    ✨ Follow-up Questions
    • ⤷ What are the advantages of WLCSP packaging for the ADP162?
    • ⤷ How does the ultra-low quiescent current impact battery life in idle mode?
    • ⤷ What is the difference between the ADP162 and ADP160 series?