ADP166ACBZ-3.3-R7
AI

### ADP166ACBZ-3.3-R7 Technical Overview
The **ADP166ACBZ-3.3-R7** is a ultra-low quiescent current, low dropout (LDO) linear regulator manufactured by Analog Devices. It is specifically engineered for power-sensitive, battery-operated applications where extending battery life is the primary concern.
---
### Key Specifications
| Feature | Specification |
| :--- | :--- |
| **Output Voltage** | 3.3 V (Fixed) |
| **Input Voltage Range** | 2.2 V to 5.5 V |
| **Max Output Current** | 150 mA |
| **Quiescent Current ($I_q$)** | 630 nA (No Load) |
| **Dropout Voltage** | 120 mV @ 150 mA |
| **Package Type** | 4-ball WLCSP (Wafer Level Chip Scale Package) |
| **Operating Temperature** | -40°C to +125°C |
---
### Core Components and Features
#### 1. Ultra-Low Quiescent Current
The standout feature of this part is its **630 nA** quiescent current. This allows the device to remain active with negligible power consumption, making it ideal for "Always-On" circuits in IoT devices.
#### 2. Dropout Characteristics
With a dropout voltage of only **120 mV** at full load, the regulator can maintain a stable 3.3V output even as the battery voltage drops very close to the output target.
#### 3. Protection Circuitry
The chip integrates several internal safety mechanisms:
* **Overcurrent Protection:** Prevents damage during short-circuit conditions.
* **Thermal Overload Protection:** Shuts down the device if the junction temperature exceeds safe limits.
* **Under Voltage Lockout (UVLO):** Ensures the device doesn't operate erratically when the input voltage is too low.
#### 4. Packaging (WLCSP)
The **ACBZ** suffix denotes the WLCSP package. This is a tiny, 4-ball footprint (approx. 0.97 mm × 0.97 mm) that saves significant PCB real estate but requires precise SMT (Surface Mount Technology) assembly.
---
### Typical Application Circuit
To operate stably, the ADP166 requires minimal external components:
```markdown
Vin ----[C1: 1uF]----| ADP166 |----[C2: 1uF]---- Vout (3.3V)
| 3.3V |
GND -----------------|________|----------------- GND
```
* **C1 (Input Capacitor):** Helps reduce input noise.
* **C2 (Output Capacitor):** Essential for phase margin stability; typically a 1 μF ceramic capacitor is sufficient.
---
### Applications
* **Wearables:** Smartwatches and fitness trackers.
* **Remote Sensors:** Low-power Zigbee or LoRa nodes.
* **Portable Medical Equipment:** Heart rate monitors or glucose meters.
* **Battery Backup Systems:** Maintaining memory or RTC (Real Time Clock) power.
- ⤷
What are the differences between the ADP166 and the ADP160 series?
- ⤷ Can this regulator handle input voltages higher than 5.5V?
- ⤷ What is the significance of the -R7 suffix in the part number?