ADP166ACPZN-2.3-R7
AI

The **ADP166ACPZN-2.3-R7** is a high-performance, ultra-low quiescent current, low dropout (LDO) linear regulator manufactured by Analog Devices. It is specifically designed for battery-powered applications where power conservation is critical.
---
### 1. Key Technical Specifications
| Parameter | Value |
| :--- | :--- |
| **Output Voltage (Fixed)** | 2.3 V |
| **Input Voltage Range** | 2.2 V to 5.5 V |
| **Maximum Output Current** | 150 mA |
| **Quiescent Current ($I_q$)** | 615 nA (No Load) |
| **Dropout Voltage** | 120 mV @ 150 mA |
| **Package Type** | LFCSP (6-Lead, 2mm x 2mm) |
| **Operating Temperature** | -40°C to +125°C |
---
### 2. Core Functional Components
The internal architecture of the ADP166 consists of several critical electronic stages:
1. **Ultra-Low Power Reference:** A specialized bandgap reference designed to provide a stable 2.3V output while consuming less than 1 microampere of current.
2. **Error Amplifier:** Compares the output voltage to the internal reference and adjusts the pass transistor to maintain regulation.
3. **PMOS Pass Transistor:** Acts as the variable resistance element. The use of a PMOS transistor allows for the "Low Dropout" capability, as it can operate with very little voltage difference between input and output.
4. **Control Logic (Enable Pin):** Includes a shutdown circuit that reduces the current consumption to less than 50 nA when the device is disabled.
---
### 3. Application Use Cases
Because of its extremely low power consumption, this part is typically used in:
* **Wearable Devices:** Smartwatches and fitness trackers.
* **IoT Sensors:** Remote sensors that must last for years on a single coin-cell battery.
* **Medical Portables:** Heart rate monitors or glucose meters.
* **Keep-Alive Power:** Providing power to Real-Time Clocks (RTC) or memory during system sleep modes.
---
### 4. Part Number Breakdown
The nomenclature `ADP166ACPZN-2.3-R7` provides specific details:
* **ADP166:** The base series/model number.
* **ACPZ:** Indicates the package type (LFCSP) and RoHS compliance (Lead-free).
* **N:** Reserved for specific manufacturing variants.
* **2.3:** The fixed output voltage (2.3 Volts).
* **R7:** Packaging format (7-inch reel, containing 3,000 units).
---
### 5. Implementation Circuit (Basic)
```text
Input (2.2V - 5.5V) ----[ VIN ]-------[ VOUT ]---- Output (2.3V)
| |
[C_in: 1uF] [C_out: 1uF]
| |
GND --------------------[ GND ]-------[ GND ]----- GND
|
Enable Pin ------------- [ EN ]
```
- ⤷
What are the advantages of using an LDO over a switching regulator for 2.3V outputs?
- ⤷ How does the 615 nA quiescent current impact battery life in a typical IoT device?
- ⤷ Are there adjustable output versions of the ADP166 series?