전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ADP166ACPZN-3.0-R7

  • AI
    The **ADP166ACPZN-3.0-R7** is a high-performance, ultra-low quiescent current, low dropout (LDO) linear regulator manufactured by Analog Devices. It is specifically designed for battery-operated portable devices where power conservation is critical. ### 1. Key Technical Specifications | Parameter | Value | | :--- | :--- | | **Output Voltage** | 3.0 V (Fixed) | | **Input Voltage Range** | 2.2 V to 5.5 V | | **Maximum Output Current** | 150 mA | | **Quiescent Current ($I_q$)** | 630 nA (No Load) | | **Dropout Voltage** | 120 mV @ 150 mA | | **Operating Temperature** | -40°C to +125°C | | **Package Type** | 6-Lead LFCSP (2mm x 2mm) | --- ### 2. Core Functional Components The internal architecture of the ADP166 consists of several critical electronic stages: * **Low-Power Bandgap Reference:** Provides a stable 3.0V reference point while consuming minimal current. * **Error Amplifier:** Compares the output voltage against the reference to adjust the pass transistor. In this model, it is optimized for high-speed response despite the low $I_q$. * **PMOS Pass Transistor:** Acts as the variable resistor. Because it is a PMOS-based LDO, it allows for very low dropout voltages. * **Shutdown Logic:** When the `EN` (Enable) pin is pulled low, the device enters a "shutdown mode" where current consumption drops to approximately 50 nA. --- ### 3. Application Circuitry To ensure stability, the ADP166 requires specific external components. It is designed to be stable with small 1 μF ceramic capacitors. ```mermaid graph LR Vin[Input Voltage] --> Cin[1uF Capacitor] Cin --> LDO[ADP166] LDO --> Cout[1uF Capacitor] Cout --> Vout[3.0V Output] EN[Enable Pin] --> LDO ``` ### 4. Significant Advantages 1. **Extended Battery Life:** The sub-microampere quiescent current (630 nA) ensures that the regulator does not drain the battery during standby modes. 2. **Compact Footprint:** The LFCSP package is extremely small (2mm x 2mm), making it ideal for wearables and IoT sensors. 3. **Stability:** It is stable with ultra-small ceramic capacitors, reducing the overall PCB BOM (Bill of Materials) cost and size. --- ### 5. Part Number Breakdown * **ADP166:** Base model number. * **ACPZ:** Lead-free, LFCSP package. * **N:** Operating temperature range (Industrial). * **3.0:** Fixed 3.0V output. * **R7:** Tape and Reel packaging (7-inch reel).
    ✨ Follow-up Questions
    • ⤷What are the main competitors to the ADP166 in the ultra-low power LDO market?
    • ⤷ Can this regulator handle input voltage spikes above 6V?
    • ⤷ What is the impact of ESR on the stability of this specific LDO?