ADP166ACPZN-3.3-R7
AI

The **ADP166ACPZN-3.3-R7** is a high-performance, ultra-low quiescent current, low dropout (LDO) linear regulator manufactured by Analog Devices. It is specifically designed for battery-operated portable devices where power conservation is critical.
---
### ## Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Output Voltage** | 3.3 V (Fixed) |
| **Input Voltage Range** | 2.2 V to 5.5 V |
| **Maximum Output Current** | 150 mA |
| **Quiescent Current ($I_q$)** | 615 nA (Typical, No Load) |
| **Dropout Voltage** | 120 mV @ 150 mA load |
| **Package Type** | 6-Lead LFCSP (2mm x 2mm) |
| **Operating Temperature** | -40°C to +125°C |
---
### ## Key Features
1. **Ultra-Low Quiescent Current:** The 615 nA idle current significantly extends battery life in "always-on" systems or devices that spend most of their time in sleep mode.
2. **Stability with Small Capacitors:** It is designed for stable operation with tiny 1 µF ceramic input and output capacitors, saving PCB real estate.
3. **Low Dropout Voltage:** With only 120 mV required between input and output at full load, it can maintain regulation even as battery voltage nears its end of life.
4. **Logic Controlled Enable:** Features an EN pin to power down the device, reducing current consumption to less than 50 nA.
---
### ## Pin Configuration (6-Lead LFCSP)
| Pin No. | Name | Description |
| :--- | :--- | :--- |
| 1 | VIN | Regulator Input Supply. |
| 2 | GND | Ground Reference. |
| 3 | EN | Enable Input. High = On, Low = Off. |
| 4 | VOUT | Regulated Output Voltage (3.3V). |
| 5 | NC | No Connect (leave floating). |
| 6 | ADJ/NC | Not connected for fixed versions. |
---
### ## Applications
* **IoT Sensors:** Ideal for remote sensors running on coin cell batteries.
* **Wearables:** Smartwatches and fitness trackers requiring small footprints.
* **Portable Medical Devices:** Blood glucose monitors and heart rate sensors.
* **Energy Harvesting:** Systems operating on extremely limited power sources.
---
### ## Part Number Breakdown
* **ADP166:** Product Series.
* **ACPZ:** LFCSP Package (Lead-Free).
* **N:** Temperature Range (Industrial).
* **3.3:** Fixed Output Voltage of 3.3V.
* **R7:** 7-inch Reel (Tape and Reel packaging).
- ⤷What are the recommended input and output capacitor types for the ADP166?
- ⤷ How does the ADP166 compare to the ADP160 series in terms of power consumption?
- ⤷ Can this regulator be used with a single-cell Li-Ion battery?