전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ADP166AUJZ-R7

  • AI
    ## Overview of the ADP166AUJZ-R7 The **ADP166AUJZ-R7** is a high-performance, ultra-low quiescent current, low dropout (LDO) linear regulator manufactured by Analog Devices. It is specifically designed for battery-powered applications where power conservation is the highest priority. --- ### 1. Key Technical Specifications | Parameter | Value / Range | | :--- | :--- | | **Input Voltage Range** | 2.2 V to 5.5 V | | **Output Current** | Up to 150 mA | | **Quiescent Current ($I_q$)** | **615 nA** (typical, no load) | | **Dropout Voltage** | 120 mV (at 150 mA load) | | **Output Accuracy** | ±1% Initial Accuracy | | **Package Type** | 5-lead TSOT (Thin Small Outline Transistor) | | **Operating Temperature** | -40°C to +125°C | --- ### 2. Core Features * **Ultra-Low Quiescent Current:** The most significant feature is its standby power consumption (under 1 microamp). This significantly extends battery life in "always-on" systems. * **Low Dropout (LDO):** It can maintain a regulated output voltage even when the input voltage is only slightly higher than the output voltage. * **Stability:** It is stable with small 1 µF ceramic input and output capacitors, which saves PCB space and reduces costs. * **Logic Controlled Enable:** Includes an EN pin that allows the device to be shut down via a microcontroller, reducing current consumption to less than 50 nA. --- ### 3. Pin Configuration (5-Lead TSOT) | Pin No. | Mnemonic | Description | | :--- | :--- | :--- | | 1 | **VIN** | Regulator Input Supply. | | 2 | **GND** | Ground. | | 3 | **EN** | Enable Input. Drive high to turn on; drive low to turn off. | | 4 | **NC/ADJ** | No Connection (Fixed version) or Adjust Pin (Adjustable version). | | 5 | **VOUT** | Regulated Output Voltage. | --- ### 4. Common Applications 1. **Wearable Devices:** Smartwatches and fitness trackers that need to maintain memory or clock functions while in sleep mode. 2. **Remote Sensors:** IoT nodes (Internet of Things) powered by coin cell batteries. 3. **Portable Medical Equipment:** Handheld monitors and glucose meters. 4. **Energy Harvesting:** Systems powered by solar cells or thermal gradients where power budgets are extremely tight. --- ### 5. Part Number Breakdown: `ADP166AUJZ-R7` * **ADP166:** The series model number. * **A:** Designates the performance/revision grade. * **UJZ:** Refers to the TSOT package type. * **R7:** Indicates Tape and Reel packaging (7-inch reel).
    ✨ Follow-up Questions
    • ⤷ What is the difference between fixed and adjustable output versions of the ADP166?
    • ⤷ How does the ADP166 compare to the ADP160 or ADP162 series?
    • ⤷ What are the recommended layout practices for reducing noise in this LDO?