전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ADP1706ACPZ-3.0-R7

  • AI
    The **ADP1706ACPZ-3.0-R7** is a high-performance, low dropout (LDO) linear regulator manufactured by Analog Devices. It is designed to provide a stable 3.0V output while maintaining low noise and high power supply rejection. --- ### ## Technical Specifications The following table summarizes the primary electrical characteristics of the device: | Parameter | Specification | | :--- | :--- | | **Output Voltage (Fixed)** | 3.0 V | | **Input Voltage Range** | 2.5 V to 5.5 V | | **Maximum Output Current** | 1 Ampere (1A) | | **Dropout Voltage (at 1A)** | 345 mV (Typical) | | **Quiescent Current (No Load)** | 155 µA | | **Shutdown Current** | < 1 µA | | **PSRR (at 1 kHz)** | 70 dB | | **Package Type** | 8-Lead LFCSP (3mm x 3mm) | --- ### ## Key Features * **Soft Start Capability:** Reduces inrush current during startup, protecting the power source and downstream components. * **Fixed Output:** This specific variant is pre-set to 3.0V, eliminating the need for external feedback resistors. * **Enable Pin:** Allows the system to turn the regulator on or off digitally for power sequencing and saving energy. * **Compact Footprint:** The LFCSP package provides excellent thermal performance in a very small physical area. ### ## Pin Configuration (8-Lead LFCSP) 1. **VIN:** Input Voltage. 2. **VOUT:** Regulated 3.0V Output. 3. **GND:** Ground. 4. **EN:** Enable input (High = On, Low = Off). 5. **SS:** Soft Start (Connect a capacitor here to set the startup time). 6. **NC:** No Internal Connection. 7. **NC:** No Internal Connection. 8. **Exposed Pad:** Should be soldered to the PCB ground plane for thermal dissipation. --- ### ## Application Usage This part is commonly used in noise-sensitive applications where a 1A current is required but switching regulator noise must be avoided. * **Digital Signal Processors (DSPs)** and FPGA I/O rails. * **Medical Imaging** equipment. * **Post-regulation** for switching power supplies. * **Wireless communication** modules. ### ## Ordering Information Breakdown | Code | Meaning | | :--- | :--- | | **ADP1706** | Base Part Number | | **ACPZ** | Lead-free, LFCSP package | | **3.0** | Fixed output voltage (3.0V) | | **R7** | 7-inch reel (Tape and Reel packaging) |
    ✨ Follow-up Questions
    • ⤷What is the recommended capacitor value for the Soft Start (SS) pin?
    • ⤷ How does this part compare to the ADP1707 series?
    • ⤷ What is the maximum operating junction temperature for this device?