전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ADP1706ACPZ-3.3-R7

  • AI
    ## Overview of ADP1706ACPZ-3.3-R7 The **ADP1706ACPZ-3.3-R7** is a low dropout (LDO) linear regulator manufactured by Analog Devices. It is designed to provide a stable 3.3V output while handling relatively high current loads with low power dissipation. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Output Voltage** | 3.3V (Fixed) | | **Input Voltage Range** | 2.5V to 5.5V | | **Maximum Output Current** | 1 Ampere (1A) | | **Dropout Voltage** | 345 mV @ 1A load | | **Quiescent Current** | 155 µA (Typical at no load) | | **Package Type** | LFCSP-8 (3mm x 3mm) | | **Operating Temperature** | -40°C to +125°C | --- ### 2. Core Functional Components The internal architecture of the ADP1706 consists of several critical electronic segments: * **Internal Reference:** A high-precision voltage reference that ensures the output remains at 3.3V despite fluctuations in temperature or input voltage. * **Error Amplifier:** Constantly compares the output voltage against the reference to adjust the pass transistor. * **P-Channel MOSFET Pass Transistor:** Unlike bipolar LDOs, this uses a PMOS transistor, which allows for lower dropout voltages and lower quiescent current. * **Soft-Start Circuitry:** Reduces inrush current during startup by gradually increasing the output voltage. * **Protection Blocks:** Includes **Thermal Overload Protection** (shuts down if too hot) and **Short-Circuit Protection**. --- ### 3. Pin Configuration (LFCSP-8) | Pin Number | Name | Description | | :--- | :--- | :--- | | 1, 2 | **VIN** | Regulator Input Supply | | 3, 4 | **VOUT** | Regulated Output Voltage (3.3V) | | 5, 6 | **GND** | Ground Reference | | 7 | **NC** | No Connection | | 8 | **EN** | Enable Input (High = On, Low = Off) | | EP | **Exposed Pad** | Should be soldered to GND for thermal dissipation | --- ### 4. Typical Application Circuit To ensure stability, the ADP1706 requires small ceramic capacitors. Below is the standard connection logic: ```markdown Vin ----[ C1: 4.7uF ]----+---- Pin 1,2 (VIN) | (ADP1706) | Vout <---[ C2: 4.7uF ]---+---- Pin 3,4 (VOUT) | GND ---------------------+---- Pin 5,6 & Exposed Pad ``` --- ### 5. Common Use Cases * **Digital Signal Processors (DSPs):** Providing clean power to core logic. * **FPGAs & Microcontrollers:** Stable 3.3V rail for I/O and processing. * **Post-Regulation:** Following a switching regulator to remove high-frequency noise. * **Medical Equipment:** High reliability and small footprint are required.
    ✨ Follow-up Questions
    • ⤷What is the difference between the ADP1706 and the ADP1707 series?
    • ⤷ Can I use an output capacitor larger than 4.7uF with this regulator?
    • ⤷ How does the 'Exposed Pad' affect the thermal performance of this LDO?