전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ADP1707ACPZ-3.3-R7

  • AI
    The **ADP1707ACPZ-3.3-R7** is a high-performance CMOS linear regulator (LDO) manufactured by Analog Devices. It is designed to provide a stable, low-noise power supply for sensitive analog and digital circuits. --- ### ## Technical Specifications The following table highlights the primary electrical characteristics of the device: | Parameter | Specification | | :--- | :--- | | **Output Voltage** | Fixed 3.3V | | **Input Voltage Range** | 2.5V to 5.5V | | **Maximum Output Current** | 1 Ampere (1A) | | **Dropout Voltage** | 150mV @ 1A load (Typical) | | **Package Type** | 8-Lead LFCSP (3mm x 3mm) | | **Operating Temperature** | -40°C to +125°C | | **PSRR** | 70 dB at 1 kHz | --- ### ## Key Electronic Features ### 1. Low Dropout (LDO) Architecture The device utilizes a PMOS pass transistor, allowing for a very low dropout voltage. This is critical for battery-powered applications where the input voltage may drop close to the required output voltage. ### 2. Soft Start (SS Pin) Unlike basic regulators, the ADP1707 includes a dedicated **Soft Start** pin. By connecting an external capacitor, you can control the ramp-up time of the output voltage. This prevents large inrush currents that could damage the power source or trigger brown-out resets in other system components. ### 3. Tracking Function (TRK Pin) The ADP1707 version often includes a tracking feature. This allows the output voltage to follow (track) an external voltage source, which is highly useful in systems requiring specific power-up sequencing, such as FPGAs or DSPs. ### 4. Precision Enable (EN Pin) The device features a logic-level enable input. When the EN pin is pulled low, the device enters a shutdown mode, reducing current consumption to less than 1µA, making it ideal for portable electronics. --- ### ## Pin Configuration (8-Lead LFCSP) ```markdown 1. VIN - Input Voltage 2. VOUT - Regulated Output 3. GND - Ground 4. NC - No Connection 5. EN - Enable Input 6. TRK/SS - Tracking or Soft Start Input 7. SENSE - Output Sense (Feedback) 8. EP - Exposed Pad (Connect to Ground for Thermal Dissipation) ``` --- ### ## Typical Application Circuit To ensure stability and low noise, the ADP1707 requires minimal external components: * **Input Capacitor ($C_{IN}$):** 4.7µF Ceramic (X5R or X7R). * **Output Capacitor ($C_{OUT}$):** 4.7µF Ceramic (Low ESR). * **Soft Start Capacitor ($C_{SS}$):** Optional, depending on desired ramp time.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the tracking (TRK) and soft-start (SS) modes in this specific part?
    • ⤷ How does the thermal pad (EP) affect the maximum power dissipation of the LFCSP package?
    • ⤷ What are the recommended ceramic capacitor types for optimal stability in the ADP1707?