전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ADP1715ARMZ-0.9-R7

  • AI
    The **ADP1715ARMZ-0.9-R7** is a high-performance, low dropout (LDO) linear regulator manufactured by Analog Devices. It is designed to provide a stable, low-noise voltage supply for sensitive electronic circuits. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Output Voltage** | 0.9 V (Fixed) | | **Input Voltage Range** | 2.5 V to 5.5 V | | **Maximum Output Current** | 500 mA | | **Dropout Voltage** | 150 mV (at 500 mA load) | | **Package Type** | MSOP-8 (8-Lead Mini Small Outline Package) | | **Accuracy** | ±1% initial accuracy | | **PSRR** | 70 dB at 1 kHz | --- ### 2. Core Functional Parts & Features The device integrates several critical internal components to ensure power efficiency and circuit protection: * **Soft Start (SS) Pin:** This part allows the user to control the start-up time by connecting an external capacitor. This reduces "inrush current" which could otherwise damage the power source or cause system glitches. * **Adjustable Soft Start:** Unlike many other LDOs, the ADP1715 allows for a programmable ramp-up time via the external capacitor. * **Protection Circuitry:** * **Thermal Overload Protection:** Shuts down the device if the internal temperature exceeds safe limits. * **Short-Circuit Protection:** Prevents damage if the output is accidentally grounded. * **Enable (EN) Pin:** A logic-level input that allows the system to turn the regulator on or off to save power in standby modes. --- ### 3. Typical Application Circuit When designing with this part, standard decoupling capacitors are required for stability. ```markdown Vin (2.5V - 5.5V) ----[ C_in: 2.2uF ]----| ADP1715 |----[ C_out: 2.2uF ]---- Vout (0.9V) | (0.9V) | +----------+ | [ C_ss: 10nF ] (Soft Start) ``` --- ### 4. Use Cases Because of its low voltage (0.9V) and high PSRR (Power Supply Rejection Ratio), it is commonly used for: 1. **Digital Core Power:** Providing stable voltage to high-end DSPs, FPGAs, and Microcontrollers. 2. **ADC/DAC Reference:** Powering sensitive analog-to-digital converters where noise must be kept to a minimum. 3. **Mobile Devices:** Handheld equipment requiring small footprints and high efficiency.
    ✨ Follow-up Questions
    • ⤷What is the purpose of the 0.9V output in modern FPGA applications?
    • ⤷ How does the Soft Start capacitor value affect the startup time?
    • ⤷ What are the thermal considerations for the MSOP-8 package at 500mA?