전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ADP1715ARMZ-1.2-R7

  • AI
    ## ADP1715ARMZ-1.2-R7: Technical Overview The **ADP1715ARMZ-1.2-R7** is a low dropout (LDO) linear regulator manufactured by Analog Devices. It belongs to the ADP1715 series, which is designed for high-performance analog and mixed-signal applications requiring low noise and high power supply rejection. --- ### 1. Key Technical Specifications | Parameter | Specification | |:---|:---| | **Manufacturer** | Analog Devices Inc. | | **Output Voltage** | 1.2V (Fixed) | | **Input Voltage Range** | 2.5V to 5.5V | | **Maximum Output Current** | 500 mA | | **Dropout Voltage** | 150 mV (at 500 mA load) | | **Accuracy** | ±1% at Room Temperature | | **PSRR** | 72 dB at 1 kHz | | **Package** | 8-Lead MSOP (with exposed pad) | --- ### 2. Functional Features The "ARMZ" variant indicates specific package and thermal characteristics, while the "-1.2" confirms its fixed output voltage. Key features include: * **Soft Start (SS):** Includes a dedicated pin to control the startup time, reducing inrush current. * **Tracking Mode:** Allows the output voltage to track an external voltage reference. * **Thermal Overload Protection:** Automatically shuts down the device if the junction temperature exceeds safety limits ($150^\circ\text{C}$). * **Short-Circuit Protection:** Protects the internal circuitry and the load from overcurrent damage. * **Reverse Current Protection:** Prevents current flow from output to input when the input voltage drops below the output voltage. --- ### 3. Pin Configuration (8-Lead MSOP) | Pin No. | Name | Description | |:---|:---|:---| | 1 | **VIN** | Regulator Input Supply. | | 2 | **GND** | Ground. | | 3 | **EN** | Enable Input. High = On, Low = Off. | | 4 | **SS/TRK** | Soft Start or Tracking input. | | 5 | **VOUT** | Regulated Output Voltage (1.2V). | | 6 | **SENSE** | Sense input for output voltage regulation. | | 7 | **N/C** | No internal connection. | | 8 | **PAD** | Exposed pad for thermal dissipation (connect to GND). | --- ### 4. Application Use Cases This part is typically used in sensitive electronic environments such as: * **DSP/FPGA Power:** Providing the core voltage (1.2V) for digital processors. * **Medical Equipment:** High-precision instruments requiring low noise. * **Optical Networking:** Low jitter clock and data recovery circuits. * **Mobile Handsets:** Efficient power management for sub-modules.
    ✨ Follow-up Questions
    • ⤷ What are the recommended values for the input and output capacitors for this LDO?
    • ⤷ How does the Soft Start (SS) feature affect the startup timing calculation?
    • ⤷ What is the thermal resistance (Theta-JA) of the 8-lead MSOP package with the exposed pad?