전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ADP1715ARMZ-3.0-R7

  • AI
    The **ADP1715ARMZ-3.0-R7** is a high-performance, low dropout (LDO) linear regulator manufactured by Analog Devices. It is designed to provide a stable, low-noise voltage supply for sensitive electronic circuits. --- ## 1. Core Technical Specifications The following table outlines the primary electrical characteristics of this specific variant: | Parameter | Specification | | :--- | :--- | | **Output Voltage** | Fixed 3.0V | | **Input Voltage Range** | 2.5V to 5.5V | | **Maximum Output Current** | 500 mA | | **Dropout Voltage** | 150 mV (typical at 500mA load) | | **Accuracy** | ±1% at room temperature | | **Package Type** | 8-Lead MSOP (Mini Small Outline Package) | | **Operating Temperature** | -40°C to +125°C | --- ## 2. Key Electronic Features ### Soft-Start Functionality The "ARMZ" series includes a dedicated **Soft-Start (SS)** pin. By connecting a small capacitor to this pin, you can control the ramp-up time of the output voltage. This prevents "inrush current" which could otherwise trip power supplies or damage sensitive downstream components during startup. ### Low Dropout (LDO) Operation Because it has a very low dropout voltage (150mV), the device can maintain a stable 3.0V output even when the input battery or supply drops as low as ~3.15V. This maximizes battery life in portable electronics. ### PSRR and Noise The ADP1715 is engineered for high **Power Supply Rejection Ratio (PSRR)**. This means it is excellent at filtering out "ripple" or noise coming from a switching power supply, providing a "clean" 3.0V line. --- ## 3. Pinout Configuration (8-Lead MSOP) | Pin No. | Name | Description | | :--- | :--- | :--- | | 1 | **IN** | Input Voltage Supply. | | 2 | **GND** | Ground. | | 3 | **OUT** | Regulated Output Voltage (3.0V). | | 4 | **SENSE** | Connect to OUT to sense the voltage at the load. | | 5 | **SS** | Soft-Start pin (connect capacitor to GND). | | 6 | **EN** | Enable pin (High = On, Low = Off). | | 7, 8 | **NC** | No Connection. | --- ## 4. Application Circuit Example To operate this part, you typically need two ceramic capacitors to ensure stability: ```markdown - Input Capacitor (Cin): 2.2µF (Ceramic, X5R/X7R) - Output Capacitor (Cout): 2.2µF (Ceramic, X5R/X7R) - Soft-Start Capacitor (Css): Optional (e.g., 10nF for slower ramp) ```
    ✨ Follow-up Questions
    • ⤷ What is the significance of the R7 suffix in the part number?
    • ⤷ How do I calculate the soft-start time based on the capacitor value?
    • ⤷ Can this LDO be used for 3.3V applications?