전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ADP1822ARQZ-R7

  • AI
    ## Technical Overview: ADP1822ARQZ-R7 The **ADP1822ARQZ-R7** is a high-performance, synchronous step-down (buck) DC-to-DC controller manufactured by **Analog Devices**. It is designed to drive two external N-channel MOSFETs to convert a higher input voltage to a lower, regulated output voltage with high efficiency. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Input Voltage Range** | 3.0 V to 20 V | | **Output Voltage Range** | 0.6 V to 0.85 × $V_{IN}$ | | **Switching Frequency** | 300 kHz or 600 kHz (Selectable) | | **Architecture** | Voltage Mode Control | | **Package** | 16-Lead QSOP (Quarter Size Outline Package) | | **Operating Temp** | -40°C to +85°C | --- ### 2. Functional Features * **Synchronous Rectification:** Uses two N-channel MOSFETs instead of a diode to improve power conversion efficiency, especially at high load currents. * **Power Good Output:** Includes a dedicated pin to signal when the output voltage is within its regulated range. * **Soft Start:** Features a programmable soft-start mechanism to prevent inrush current during power-up. * **Protection Circuitry:** * **Overcurrent Protection (OCP):** Monitors the voltage drop across the low-side MOSFET to protect against shorts. * **Thermal Shutdown:** Automatically shuts down the controller if internal temperatures exceed safety limits. * **Undervoltage Lockout (UVLO):** Ensures the device operates only when the input voltage is sufficient. --- ### 3. Pin Configuration Highlights | Pin | Function | Description | | :--- | :--- | :--- | | **BST** | Bootstrap | Provides high-side gate drive voltage. | | **DH** | Driver High | Output for the high-side N-channel MOSFET gate. | | **DL** | Driver Low | Output for the low-side N-channel MOSFET gate. | | **FB** | Feedback | Input used to sense the output voltage via a resistor divider. | | **COMP** | Compensation | External network connection to stabilize the control loop. | | **FREQ** | Frequency | Logic input to set switching frequency (High = 600kHz, Low = 300kHz). | --- ### 4. Typical Application Circuit The ADP1822 is commonly used in distributed power systems where a 12V or 5V rail needs to be stepped down to power CPUs, FPGAs, or ASICs. ```text Input (3V-20V) ----[High-side FET]----(Inductor)---- Output (0.6V+) | | [ADP1822 Control] | | | [Low-side FET]-----(GND) ``` --- ### 5. Packaging and Suffix Meaning * **ARQZ:** Indicates the package type (QSOP) and Lead-Free/RoHS compliance. * **R7:** Specifies the tape and reel size (usually 7-inch reel containing 1,000 units).
    ✨ Follow-up Questions
    • ⤷ What are the recommended external MOSFETs for use with the ADP1822?
    • ⤷ How do you calculate the feedback resistor network for a specific output voltage?
    • ⤷ Can the ADP1822 be synchronized to an external clock?