전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ADP1853ACPZ-R7

  • AI
    ### Overview of the ADP1853ACPZ-R7 The **ADP1853ACPZ-R7** is a high-performance, synchronous step-down (buck) DC-to-DC controller designed by Analog Devices. It is engineered for versatility, allowing it to function as either a single-output dual-phase controller or a dual-output controller. --- ### Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Input Voltage Range** | 2.75 V to 20 V | | **Output Voltage Range** | 0.6 V to 90% of $V_{IN}$ | | **Switching Frequency** | 200 kHz to 1.5 MHz (Programmable) | | **Package** | 40-Lead LFCSP ($6 \times 6$ mm) | | **Architecture** | Current Mode Control | | **Operating Temp** | -40°C to +125°C | --- ### Core Electronic Functions 1. **Dual-Phase / Dual-Output Configuration**: * **Configurable Mode:** It can be used as two independent outputs (e.g., 1.2V and 3.3V) or interleaved for a single high-current output to reduce input/output ripple. * **Phase Shifting:** In dual-phase mode, the two channels operate 180° out of phase, reducing the requirement for large input capacitors. 2. **Precision Control**: * The device uses **Current Mode Control**, which provides excellent line and load transient response. * It includes a high-accuracy reference voltage (0.6 V) to ensure stable output levels. 3. **Synchronization and Clocking**: * The internal oscillator can be synchronized to an external clock via the `SYNC` pin. * This is crucial for EMI management in systems with multiple switching regulators. --- ### Connectivity and Typical Circuitry The ADP1853 requires external N-channel MOSFETs to perform the power switching. Below is a simplified representation of the typical pin-out categories: | Pin Category | Function | | :--- | :--- | | **DH1 / DL1** | High-side and Low-side Gate Drivers for Channel 1. | | **BST1 / BST2** | Bootstrap pins for driving the high-side N-channel MOSFETs. | | **COMP1 / COMP2** | External compensation pins to stabilize the control loop. | | **VREG** | Internal LDO output providing power to the gate drivers. | | **FB1 / FB2** | Feedback pins connected to voltage dividers for setting $V_{OUT}$. | --- ### Implementation Example (Pseudo-code for Layout Logic) When designing a PCB for this part, the power stage layout is critical. ```markdown 1. Place the Input Capacitors as close as possible to the high-side MOSFET Drain. 2. Minimize the loop area between the DH, DL, and Switch (SW) nodes. 3. Keep the feedback (FB) traces away from the noisy inductor nodes. 4. Ensure a solid thermal ground pad connection for the LFCSP package. ``` --- ### Common Applications * High-density intermediate bus power. * Telecom and Networking equipment. * Industrial and Instrumentation systems. * Medical imaging systems.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between using the ADP1853 in single-output vs. dual-output mode?
    • ⤷ How do you calculate the external compensation components for this controller?
    • ⤷ What specific N-channel MOSFETs are recommended for high-efficiency operation with the ADP1853?