전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ADP1870ARMZ-1.0-R7

  • AI
    The **ADP1870ARMZ-1.0-R7** is a high-performance, synchronous buck (step-down) DC-to-DC controller manufactured by Analog Devices. It is designed for applications requiring high efficiency and fast transient response. --- ### 1. Key Technical Specifications The "1.0" in the part number indicates the fixed output voltage version (though it can be adjusted in certain configurations) and the integrated constant-on-time architecture. | Parameter | Specification | | :--- | :--- | | **Input Voltage Range** | 3.25 V to 20 V | | **Output Voltage** | 0.6 V to 95% of $V_{IN}$ | | **Switching Frequency** | 1.0 MHz (fixed) | | **Control Architecture** | Constant On-Time (COT) | | **Package** | 10-lead MSOP (Micro Small Outline Package) | | **Operating Temp** | -40°C to +125°C | --- ### 2. Core Features * **Constant On-Time (COT):** This architecture provides a very fast response to load transients. It does not require external loop compensation, simplifying the design process. * **Synchronous Rectification:** By driving two external N-channel MOSFETs, it reduces power loss compared to diode-based rectification, maximizing efficiency. * **Power Saving Mode:** At light loads, the device operates in a discontinuous conduction mode to save energy. * **Integrated Drivers:** It includes powerful gate drivers to switch large MOSFETs quickly, reducing switching losses. --- ### 3. Pin Configuration (10-Lead MSOP) The device is compact, utilizing 10 pins to manage complex power regulation: 1. **BST (Boot):** Floating supply for the high-side MOSFET driver. 2. **CBST:** Capacitor connection for the boot supply. 3. **SW (Switch):** Connection point between the high-side and low-side FETs. 4. **DL (Drive Low):** Gate drive for the synchronous (bottom) MOSFET. 5. **DH (Drive High):** Gate drive for the main (top) MOSFET. 6. **VCC:** Internal LDO output/bias voltage. 7. **FB (Feedback):** Monitors the output voltage. 8. **PGOOD:** Power Good indicator (open drain). 9. **EN (Enable):** Logic input to turn the controller on/off. 10. **GND:** Analog and power ground. --- ### 4. Typical Application Circuit To use this part, a designer typically follows this workflow: ```markdown [Input Capacitor] -> [High-Side FET] -> [Inductor] -> [Output Capacitor] | | [ADP1870 Pins] <--- [Feedback Loop] | [Low-Side FET] ``` ### 5. Part Number Breakdown * **ADP1870:** Base model (Synchronous Buck Controller). * **ARMZ:** Package code (MSOP-10, RoHS compliant). * **1.0:** Frequency/Voltage variant (1.0 MHz switching frequency). * **R7:** Packaging format (7-inch Tape and Reel, 1,000 units). ---
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the 300kHz
    • ⤷ 600kHz
    • ⤷ and 1.0MHz versions of this IC?
    • ⤷ How do you calculate the inductor value for an ADP1870-based design?
    • ⤷ Can this controller be used for current sensing without an external resistor?