전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ADP1871ARMZ-0.3-R7

  • AI
    The **ADP1871ARMZ-0.3-R7** is a high-performance, synchronous buck (step-down) DC-to-DC controller manufactured by Analog Devices. It is designed for point-of-load applications requiring high efficiency and fast transient response. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical characteristics of this specific variant: | Parameter | Specification | | :--- | :--- | | **Type** | Step-Down (Buck) Controller | | **Output Configuration** | Positive, Synchronous | | **Input Voltage Range** | 3.25V to 20V | | **Output Voltage Range** | 0.6V to 0.85 x Vin | | **Switching Frequency** | 300 kHz (indicated by "-0.3") | | **Control Method** | Constant On-Time (COT) | | **Package / Case** | 10-MSOP (Mini Small Outline Package) | | **Operating Temperature** | -40°C to 125°C | --- ### 2. Breakdown of the Part Number The alphanumeric code provides specific details about the component's configuration: * **ADP1871**: Base model number (Synchronous Buck Controller). * **ARMZ**: Package type (MSOP) and RoHS compliance (Z). * **0.3**: Indicates the fixed switching frequency of **300 kHz**. * **R7**: Packaging format (7-inch Tape and Reel). --- ### 3. Core Features & Benefits #### A. Constant On-Time (COT) Architecture The ADP1871 uses a proprietary "emulated" current-mode constant on-time control scheme. This allows the controller to maintain a nearly constant frequency while providing an exceptionally fast response to sudden changes in the electrical load. #### B. Power Saving Mode At light loads, the device can operate in pulse-skip mode to maintain high efficiency, making it suitable for battery-powered or energy-conscious designs. #### C. Integrated Drivers It includes powerful integrated gate drivers capable of driving large N-channel MOSFETs, which reduces the need for external components and saves PCB space. #### D. Soft Start and Protection The chip includes a programmable soft-start feature to prevent inrush current during power-up, as well as over-current, over-voltage, and thermal shutdown protection. --- ### 4. Typical Application Circuit In a standard design, the ADP1871 acts as the "brain," controlling external MOSFETs and an inductor. ```yaml Input Voltage (3.25V-20V) | [ ADP1871 Controller ] ----> [ High-side MOSFET ] | [ Low-side MOSFET ] | | |----------------------- [ Inductor / Filter ] ----> Output Voltage ``` --- ### 5. Common Use Cases * **Telecom and Networking**: Base stations and routers. * **Computing**: Server power supplies and point-of-load modules. * **Industrial**: High-end medical equipment and automated control systems. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the ADP1871 and the ADP1870 variant?
    • ⤷ How do I calculate the output voltage using the feedback pin?
    • ⤷ What are the recommended external MOSFETs for a 300kHz application?