전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ADP1871ARMZ-0.6-R7

  • AI
    The **ADP1871ARMZ-0.6-R7** is a high-performance, synchronous step-down (buck) DC-DC controller manufactured by **Analog Devices**. It is specifically designed for point-of-load (POL) power applications where high efficiency and fast transient response are required. --- ## 1. Technical Specifications The table below summarizes the primary electrical characteristics of the component: | Parameter | Specification | | :--- | :--- | | **Input Voltage Range** | 3.0 V to 20 V | | **Output Voltage Range** | 0.6 V to 0.85 × Vin | | **Reference Voltage** | 0.6 V (Fixed) | | **Switching Frequency** | 600 kHz | | **Control Architecture** | Constant On-Time (COT) | | **Package Type** | 10-lead MSOP (ARMZ) | | **Operating Temperature** | -40°C to +125°C | --- ## 2. Key Electronic Features ### A. Constant On-Time (COT) Architecture The ADP1871 uses a pseudo-fixed frequency COT control scheme. This provides a very fast response to sudden changes in load current without the complexity of internal compensation networks. ### B. Synchronous Rectification The controller drives two N-channel MOSFETs (High-side and Low-side). By using a synchronous rectifier instead of a diode, it significantly reduces power loss, leading to efficiencies often exceeding 95%. ### C. Power Saving Mode (PSM) The ADP1871 automatically enters Power Saving Mode during light load conditions. It skips pulses to reduce switching losses, which preserves battery life in portable applications. ### D. Integrated Drivers It features robust gate drivers capable of driving large external MOSFETs, allowing for high output currents (often 20A or more, depending on the external components chosen). --- ## 3. Pinout Configuration (10-Lead MSOP) The electronic integration is facilitated through the following pins: 1. **FB (Feedback):** Senses the output voltage. 2. **RON (Resistor On-Time):** Sets the operating frequency. 3. **VREG:** Internal regulator output for gate drive power. 4. **BST (Boost):** Floating supply for the high-side driver. 5. **DH (Driver High):** High-side gate drive. 6. **SW (Switch):** Connection point for the inductor and high-side source. 7. **DL (Driver Low):** Low-side gate drive. 8. **PGND:** Power ground. 9. **GND:** Analog ground. 10. **EN/PGOOD:** Dual function pin for Enable and Power Good signaling. --- ## 4. Application Example Code (Calculation) When designing with this part, calculating the `Ron` resistor is critical to set the 600kHz frequency. ```python # Simple Python calculation for Ron resistor def calculate_ron(v_out, freq_hz): # k-factor for ADP1871 is approximately 1.15e-10 k = 1.15e-10 ron = v_out / (k * freq_hz) return ron target_v_out = 1.2 target_freq = 600000 required_ron = calculate_ron(target_v_out, target_freq) print(f"Required Ron: {required_ron/1000:.2f} kOhms") ```
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the ADP1871 and the ADP1870?
    • ⤷ How do I select the external MOSFETs for this controller?
    • ⤷ Can this part be used for a 12V to 5V conversion?