전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ADP2107ACPZ-R7

  • AI
    ### Technical Overview of ADP2107ACPZ-R7 The **ADP2107ACPZ-R7** is a high-efficiency, monolithic, synchronous step-down (buck) DC-to-DC converter. It is designed to regulate a high input voltage down to a lower output voltage with minimal heat dissipation, making it ideal for portable and battery-powered electronics. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Manufacturer** | Analog Devices Inc. (ADI) | | **Topology** | Synchronous Buck (Step-Down) | | **Input Voltage Range** | 2.7V to 5.5V | | **Output Current** | Up to 2.0 Amps | | **Switching Frequency** | 1.2 MHz | | **Output Voltage** | Adjustable (0.8V to $V_{IN}$) | | **Package Type** | LFCSP-16 (3mm x 3mm) | | **Efficiency** | Up to 95% | --- ### 2. Functional Components and Features * **Integrated Power MOSFETs:** It contains both the "high-side" and "low-side" switches internally. This reduces the number of external components and simplifies PCB layout. * **Synchronous Rectification:** By using an internal MOSFET instead of an external Schottky diode for the catch diode function, the device achieves significantly higher efficiency. * **1.2 MHz Switching Frequency:** The high frequency allows for the use of small surface-mount inductors and capacitors, which saves board space. * **Current Mode Control:** This provides fast transient response and makes the "compensation" of the feedback loop easier to manage. * **Safety Protections:** * *Undervoltage Lockout (UVLO):* Prevents the chip from operating if the input voltage is too low. * *Thermal Shutdown:* Turns off the device if it overheats. * *Current Limit:* Protects the device and the load during short-circuit conditions. --- ### 3. Pin Configuration (LFCSP-16) | Pin Name | Function | | :--- | :--- | | **PVIN / VIN** | Input power supply for the power stage and internal circuitry. | | **SW** | Switching node connected to the inductor. | | **PGND / AGND** | Power and Analog grounds. | | **FB** | Feedback input to set the output voltage via a resistor divider. | | **EN** | Enable pin; pulling this high turns on the converter. | | **COMP** | Compensation pin for stabilizing the control loop. | --- ### 4. Typical Application Circuit The circuit typically requires: 1. **Input Capacitor ($C_{IN}$):** To filter input noise. 2. **Inductor ($L$):** To store energy during the switching cycle. 3. **Output Capacitor ($C_{OUT}$):** To smooth the output voltage. 4. **Resistor Divider ($R_1, R_2$):** Connected to the **FB** pin to set the desired output voltage based on the formula: `Vout = 0.8V * (1 + R1/R2)` ---
    ✨ Follow-up Questions
    • ⤷ How do I calculate the inductor value for a 3.3V to 1.2V conversion using this chip?
    • ⤷ What are the layout recommendations for the LFCSP-16 package to manage heat?
    • ⤷ Can the ADP2107 be used in a parallel configuration for higher current?