전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ADP2120ACPZ-R7

  • AI
    The **ADP2120ACPZ-R7** is a high-efficiency, constant-frequency, current-mode, step-down (buck) DC-to-DC regulator manufactured by Analog Devices. It is designed for compact applications requiring high power density. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Input Voltage Range** | 2.3 V to 5.5 V | | **Output Current** | Up to 1.25 A | | **Switching Frequency** | 1.2 MHz | | **Output Voltage** | Adjustable (0.6 V to $V_{IN}$) | | **Efficiency** | Up to 95% | | **Package** | 10-lead LFCSP (3 mm x 3 mm) | | **Operating Temp** | -40°C to +125°C | --- ### 2. Core Functional Components The internal architecture of the ADP2120 includes several critical electronic stages: 1. **Integrated MOSFETs**: It features a high-side P-channel switch and a low-side N-channel synchronous rectifier. This eliminates the need for an external Schottky diode, reducing part count and increasing efficiency. 2. **Current-Mode Control Loop**: Provides excellent line and load transient response. It uses an internal compensation network to simplify the design process. 3. **Pulse-Width Modulation (PWM)**: Operates at a fixed 1.2 MHz. This high frequency allows for the use of small surface-mount inductors and capacitors. 4. **Protection Circuitry**: * **Overcurrent Protection**: Prevents damage during short circuits. * **Thermal Shutdown**: Turns off the device if the junction temperature exceeds safe limits. * **Undervoltage Lockout (UVLO)**: Ensures the device only operates when the input voltage is stable. --- ### 3. Application Circuit Example A typical circuit requires only a few external components: * **Inductor (L)**: Typically $1.0\mu H$ to $2.2\mu H$. * **Input/Output Capacitors ($C_{IN}, C_{OUT}$)**: Ceramic capacitors are recommended for low ESR. * **Feedback Resistors ($R_1, R_2$)**: Used to set the specific output voltage based on the 0.6 V reference. ```text Input (2.3V-5.5V) ----[Cin]----(VIN Pin) | [ADP2120]----(SW Pin)----[Inductor]---- Output | | (FB Pin)----[R1]----[R2]-----------| ``` --- ### 4. Part Number Breakdown (ADP2120ACPZ-R7) * **ADP2120**: Base model number (1.25 A Buck Regulator). * **ACPZ**: Indicates the package type (LFCSP) and Lead-Free/RoHS compliance. * **R7**: Refers to the Tape and Reel packaging size (7-inch reel, typically 1500 units).
    ✨ Follow-up Questions
    • ⤷How do I calculate the resistor values for a specific output voltage?
    • ⤷ What are the advantages of 1.2 MHz switching frequency over lower frequencies?
    • ⤷ Can this part be used in automotive applications?