전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ADP2138ACBZ-0.8-R7

  • AI
    ## Overview of ADP2138ACBZ-0.8-R7 The **ADP2138ACBZ-0.8-R7** is a high-efficiency, low-quiescent current, step-down (buck) DC-to-DC converter manufactured by **Analog Devices**. It is designed specifically for portable applications where space and power efficiency are critical. ### 1. Key Technical Specifications | Parameter | Value | | :--- | :--- | | **Output Voltage** | 0.8 V (Fixed) | | **Input Voltage Range** | 2.3 V to 5.5 V | | **Maximum Output Current** | 800 mA | | **Switching Frequency** | 3 MHz | | **Quiescent Current** | 24 µA (Typical) | | **Package Type** | 6-ball WLCSP (Wafer Level Chip Scale Package) | | **Operating Temperature** | -40°C to +125°C | --- ### 2. Core Functional Components The internal architecture of the ADP2138 consists of several integrated electronic stages: 1. **High-Frequency Oscillator:** Operates at 3 MHz, allowing the use of tiny 0603 or 0402 sized external inductors and capacitors. 2. **Synchronous Rectifier:** It integrates both a P-channel high-side switch and an N-channel low-side switch to eliminate the need for an external Schottky diode, increasing efficiency. 3. **Control Logic:** Features a Pulse Width Modulation (PWM) mode for high loads and automatically switches to Power Saving Mode (PSM) at light loads to conserve battery life. 4. **Internal Compensation:** The feedback loop is compensated internally, reducing the total bill of materials (BOM). --- ### 3. Application Use Cases This component is ideal for modern mobile electronics due to its small footprint and high efficiency. * **Mobile Handsets:** Powering low-voltage core processors. * **Wearables:** Smartwatches and fitness trackers requiring long battery standby. * **Portable Medical Devices:** Precision instruments requiring stable, low-noise power. * **Wireless Modules:** Providing stable 0.8V rails for high-speed communication chips. --- ### 4. Implementation Example (Pinout) Since this is a WLCSP package, the layout is highly compact: ```yaml Pin Configuration: - A1: VIN (Input Supply) - A2: SW (Switch Node - connect to Inductor) - B1: EN (Enable - High to turn on) - B2: GND (Ground) - C1: FB (Feedback - sense output voltage) - C2: GND (Ground) ```
    ✨ Follow-up Questions
    • ⤷ What are the recommended inductor values for the 3MHz switching frequency?
    • ⤷ How does the Power Saving Mode (PSM) affect output ripple?
    • ⤷ Are there adjustable voltage versions of the ADP2138?