전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ADP2138ACBZ-1.2-R7

  • AI
    ## Detailed Overview of ADP2138ACBZ-1.2-R7 The **ADP2138ACBZ-1.2-R7** is a high-efficiency, low quiescent current, synchronous step-down (buck) DC-to-DC converter produced by **Analog Devices**. It is designed for portable applications where space and battery life are critical. ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Manufacturer** | Analog Devices Inc. | | **Output Type** | Fixed | | **Output Voltage** | 1.2 V | | **Input Voltage Range** | 2.3 V to 5.5 V | | **Max Output Current** | 800 mA | | **Switching Frequency** | 3 MHz | | **Package** | WLCSP-6 (Wafer Level Chip Scale Package) | | **Operating Temperature** | -40°C to +125°C | --- ### 2. Core Functional Features * **High Efficiency:** Uses synchronous rectification to achieve efficiency levels up to 95%, which reduces heat and extends battery life. * **3 MHz Switching Frequency:** The high frequency allows for the use of tiny, low-profile inductors and ceramic capacitors, minimizing the total PCB footprint. * **Automatic PFM/PWM Mode:** * **PWM Mode:** Operates at a constant frequency for low noise during high loads. * **PFM Mode:** Switches to Power Save Mode during light loads to maintain high efficiency by reducing switching losses. * **Internal Compensation:** Simplifies the design process by reducing the number of external components required. * **Safety Features:** Includes internal soft start, under-voltage lockout (UVLO), thermal shutdown, and short-circuit protection. --- ### 3. Pin Configuration (WLCSP-6) Since this part uses a Chip Scale Package, the pins are arranged in a ball grid array (BGA) format: | Ball | Symbol | Description | | :--- | :--- | :--- | | **A1** | **VIN** | Input Voltage Supply (2.3V to 5.5V). | | **A2** | **SW** | Switching Node. Connected to the inductor. | | **B1** | **EN** | Enable Input. High = On, Low = Off. | | **B2** | **GND** | Power and Analog Ground. | | **C1** | **VOUT** | Output Voltage Sense/Feedback. | | **C2** | **PGND** | Power Ground. | --- ### 4. Typical Application Circuit The ADP2138 requires very few external components to operate: ```text Input (2.3V-5.5V) ----[Cin: 4.7uF]---- VIN | [ADP2138] ---- SW ---- [L: 1.0uH] ---- Output (1.2V) | | GND [Cout: 10uF] | GND ``` ### 5. Common Applications * Smartphones and Tablets * Digital Cameras and Audio Players * Wireless Handsets * Point-of-Load (POL) regulation in high-density systems
    ✨ Follow-up Questions
    • ⤷ What are the recommended values for the inductor and output capacitor for this specific 1.2V model?
    • ⤷ How does the 'R7' suffix in the part number affect the packaging or ordering quantity?
    • ⤷ Can the EN pin be tied directly to VIN for always-on operation?