전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ADP2138ACBZ-3.0-R7

  • AI
    The **ADP2138ACBZ-3.0-R7** is a high-efficiency, low quiescent current, step-down (buck) DC-to-DC converter. It is designed by Analog Devices and is specifically optimized for portable devices where space and battery life are critical. --- ### 1. Key Technical Specifications | Parameter | Value | | :--- | :--- | | **Manufacturer** | Analog Devices | | **Topology** | Buck (Step-Down) | | **Output Voltage** | 3.0 V (Fixed) | | **Input Voltage Range** | 2.3 V to 5.5 V | | **Output Current** | 800 mA (Maximum) | | **Switching Frequency** | 3 MHz | | **Efficiency** | Up to 95% | | **Package** | WLCSP (6-ball Wafer Level Chip Scale Package) | --- ### 2. Core Functional Components The internal architecture of the ADP2138 includes several critical electronic stages: * **Internal MOSFETs:** It integrates both a high-side P-channel switch and a low-side N-channel synchronous rectifier. This eliminates the need for an external Schottky diode. * **3 MHz Oscillator:** The high switching frequency allows for the use of very small inductors (typically 1.0 $\mu$H) and tiny ceramic capacitors, reducing the overall PCB footprint. * **Control Logic (PWM/PSM):** * **PWM Mode:** At high loads, it operates in Pulse Width Modulation for low noise. * **Power Save Mode (PSM):** At light loads, it automatically switches to pulse-skipping to maintain high efficiency. * **Soft Start:** Includes internal circuitry to control the inrush current during startup, protecting the battery and the chip. --- ### 3. Application Circuit Components To use this IC, you typically need only three external components: 1. **Input Capacitor ($C_{IN}$):** Usually a 4.7 $\mu$F ceramic capacitor to stabilize the input voltage. 2. **Output Inductor ($L$):** A small 1.0 $\mu$H inductor to store energy during the switching cycle. 3. **Output Capacitor ($C_{OUT}$):** Typically a 4.7 $\mu$F or 10 $\mu$F ceramic capacitor to filter output ripple. --- ### 4. Advantages & Use Cases * **Size:** The WLCSP package is extremely small (approx. 1mm x 1.5mm), making it ideal for smartphones and wearables. * **Quiet Operation:** The fixed 3 MHz frequency stays well above the audio band, reducing interference in communication devices. * **Fixed Output:** Since it is the "3.0" version, it provides a regulated 3.0V output without needing external feedback resistors, simplifying the design and reducing component count. ---
    ✨ Follow-up Questions
    • ⤷ How does the ADP2138 compare to the ADP2139 version?
    • ⤷What is the recommended layout strategy for the 3 MHz switching frequency?
    • ⤷Can this chip handle an input voltage of exactly 3.0V to output 3.0V?