전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ADP2139ACBZ-3.3-R7

  • AI
    ## Overview of the ADP2139ACBZ-3.3-R7 The **ADP2139ACBZ-3.3-R7** is a high-efficiency, low quiescent current, synchronous step-down (buck) DC-to-DC converter manufactured by Analog Devices. It is specifically designed for portable applications where battery life and space constraints are critical. --- ### Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Output Voltage** | Fixed 3.3 V | | **Input Voltage Range** | 2.3 V to 5.5 V | | **Maximum Output Current** | 800 mA | | **Switching Frequency** | 3 MHz | | **Package Type** | WLCSP (Wafer Level Chip Scale Package) | | **Efficiency** | Up to 95% | | **Operating Temperature** | -40°C to +125°C | --- ### Core Electronic Components & Features #### 1. Synchronous Rectification Unlike standard buck converters that use a diode, the ADP2139 integrates both a **high-side P-channel MOSFET** and a **low-side N-channel MOSFET**. This reduces conduction losses and eliminates the need for an external Schottky diode, significantly improving efficiency. #### 2. Internal Control Architecture The device utilizes a **Peak Current Mode Control** scheme. This provides: * Excellent line and load transient response. * Simplified loop compensation. * Cycle-by-cycle current limiting for protection. #### 3. High Switching Frequency (3 MHz) The 3 MHz frequency allows for the use of very small, low-profile inductors (typically **1.0 µH**) and ceramic capacitors. This is essential for minimizing the overall PCB footprint. #### 4. Automatic Power Save Mode (PSM) The converter automatically transitions from Pulse Width Modulation (PWM) to **Pulse Frequency Modulation (PFM)** at light loads. This reduces switching losses and keeps the quiescent current as low as **24 µA**, extending battery life in standby modes. --- ### Pin Configuration and Functionality | Pin | Name | Description | | :--- | :--- | :--- | | **A1** | **VIN** | Power input supply (2.3V to 5.5V). | | **B1** | **SW** | Switch node; connected to the external inductor. | | **C1** | **PGND** | Power ground for the internal power switches. | | **A2** | **EN** | Enable input. Logic high turns on the device. | | **B2** | **FB / VOUT** | Feedback/Output sensing pin for the 3.3V regulation. | | **C2** | **AGND** | Analog ground for the internal control circuitry. | --- ### Application Circuit Basics To implement this part, a designer typically needs only three external components: 1. **Input Capacitor:** 4.7 µF to 10 µF Ceramic (placed close to VIN). 2. **Output Inductor:** 1.0 µH (rated for the peak current). 3. **Output Capacitor:** 10 µF Ceramic (to stabilize the output voltage). ---
    ✨ Follow-up Questions
    • ⤷What are the specific advantages of using a WLCSP package for this component?
    • ⤷ How does the 3MHz switching frequency impact EMI design?
    • ⤷ What are the recommended external inductor specifications for the ADP2139?