전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ADP2302ARDZ-2.5-R7

  • AI
    The **ADP2302ARDZ-2.5-R7** is a non-isolated, step-down (buck) switching regulator from Analog Devices. It is designed for high efficiency and compact power conversion in applications requiring a fixed output voltage. --- ## 1. Core Technical Specifications | Parameter | Specification | |:---|:---| | **Manufacturer** | Analog Devices Inc. | | **Output Type** | Fixed | | **Output Voltage** | 2.5V | | **Input Voltage Range** | 3V to 20V | | **Output Current** | Up to 2A | | **Switching Frequency** | 700 kHz | | **Package** | 8-SOIC-EP (Exposed Pad) | | **Mounting Type** | Surface Mount | --- ## 2. Key Internal Components & Features ### A. Integrated Power MOSFET The device integrates a high-side P-channel MOSFET. Because it uses a P-channel switch, it simplifies the drive circuitry and eliminates the need for a boost capacitor often required by N-channel buck regulators. ### B. Current-Mode Control It employs a fixed-frequency, peak current-mode control architecture. This provides: * Excellent line and load transient response. * Simplified external compensation. * Cycle-by-cycle current limiting for protection. ### C. Precision Enable (EN) The enable pin has a precise threshold, allowing it to be used as a programmable Under-Voltage Lockout (UVLO) using a simple resistor divider from the input source. ### D. Thermal Management The **"EP"** in the 8-SOIC-EP package stands for **Exposed Pad**. This metal pad on the bottom of the chip must be soldered to the PCB ground plane to dissipate heat, allowing the chip to handle 2A of current safely. --- ## 3. Circuit Implementation Overview To create a functional power supply with this IC, the following external electronic parts are required: 1. **Input Capacitor ($C_{IN}$):** Typically a 10µF or 22µF ceramic capacitor to filter input noise. 2. **Inductor ($L$):** Usually between 4.7µH and 10µH, rated for at least 2.5A to 3A saturation current. 3. **Catch Diode ($D$):** A Schottky diode is required for the "off-cycle" current path (non-synchronous rectification). 4. **Output Capacitor ($C_{OUT}$):** Ceramic capacitors to minimize output voltage ripple. --- ## 4. Part Number Breakdown | Suffix | Meaning | |:---|:---| | **ADP2302** | Base Part Number (2A Buck Regulator) | | **ARDZ** | RoHS Compliant SOIC Package with Exposed Pad | | **2.5** | Fixed Output Voltage of 2.5V | | **R7** | 7-inch Reel (Tape and Reel packaging for automated assembly) |
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the ADP2302 and the ADP2303?
    • ⤷ How do I calculate the inductor value for this specific 2.5V output?
    • ⤷ Is there an adjustable version of this IC available?