전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ADP2303ARDZ-2.5-R7

  • AI
    The **ADP2303ARDZ-2.5-R7** is a high-efficiency, monolithic, step-down (buck) DC-to-DC regulator manufactured by Analog Devices. It is designed for compact applications requiring a fixed output voltage from a wide input range. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Input Voltage Range** | 3.0 V to 20 V | | **Fixed Output Voltage** | 2.5 V | | **Output Current** | Up to 3 A | | **Switching Frequency** | 700 kHz | | **Package Type** | 8-Lead SOIC_N_EP (Exposed Pad) | | **Operating Temperature** | -40°C to +125°C | | **Topology** | Non-synchronous Step-Down | --- ### 2. Core Functional Components The device integrates several critical electronic structures into a single chip: * **Power MOSFET:** It contains an integrated high-side P-channel power MOSFET, which eliminates the need for an external bootstrap capacitor. * **Current-Mode Control:** It uses a fixed-frequency, current-mode control scheme. This provides excellent line and load transient response and simplifies the compensation loop. * **Internal Loop Compensation:** Most of the compensation circuitry is internal, reducing the number of external components (resistors/capacitors) needed for stability. * **Precision Enable:** A threshold-sensitive enable pin allows the device to be used for power sequencing or as a programmable UVLO (Under Voltage Lockout). --- ### 3. Application Circuit & Hardware Requirements To function, the ADP2303 requires a few essential external electronic parts: 1. **Inductor:** Typically 4.7 µH to 10 µH, used for energy storage. 2. **Schottky Diode:** Since it is non-synchronous, an external "catch" diode is required to provide a path for the inductor current when the internal switch is off. 3. **Input/Output Capacitors:** Low ESR ceramic capacitors are recommended to minimize voltage ripple. 4. **Exposed Pad (Thermal):** The "EP" in the package description is critical; it must be soldered to the PCB ground plane to dissipate heat. --- ### 4. Part Number Breakdown Understanding the suffix codes: * **ARDZ:** "A" denotes the version, "RD" refers to the SOIC package, and "Z" indicates RoHS compliance (lead-free). * **2.5:** Indicates the internal resistor divider is set for a fixed **2.5V output**. * **R7:** Specifies the packaging format, which is **7-inch Tape and Reel** (typically 1,000 units). ---
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the ADP2302 and the ADP2303?
    • ⤷ How do I calculate the thermal dissipation for the SOIC_N_EP package?
    • ⤷ Can the ADP2303ARDZ-2.5-R7 be adjusted to a different output voltage?