전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ADP2303ARDZ-R7

  • AI
    ### Overview of ADP2303ARDZ-R7 The **ADP2303ARDZ-R7** is a high-efficiency, fixed-frequency, step-down (buck) switching regulator. It belongs to a family of monolithic regulators developed by Analog Devices, designed to provide a compact and robust power solution for point-of-load applications. --- ### Technical Specifications | Parameter | Specification | | :--- | :--- | | **Input Voltage Range** | 3.0 V to 20 V | | **Output Current** | Up to 3 A | | **Switching Frequency** | 700 kHz (Fixed) | | **Output Voltage** | Adjustable (from 0.8 V to 0.85 $\times$ $V_{IN}$) | | **Package Type** | 8-Lead SOIC_N_EP (Exposed Pad) | | **Efficiency** | Up to 94% | | **Operating Temperature** | -40°C to +125°C | --- ### Key Electronic Features 1. **Current Mode Architecture:** It utilizes a constant-frequency current-mode control scheme. This provides excellent line and load transient response and simplifies the compensation network. 2. **Integrated Power MOSFET:** The device includes a high-side P-channel MOSFET, which eliminates the need for an external boost capacitor and simplifies the overall circuit design. 3. **Precision Enable:** The enable (EN) pin has a precise threshold, allowing the device to be used for power sequencing or as a programmable UVLO (Under Voltage Lock Out). 4. **Thermal Management:** The **ARDZ** suffix denotes the 8-lead SOIC package with an **Exposed Pad**. This pad must be soldered to the PCB ground plane to dissipate heat effectively, allowing the chip to handle 3A of current in a small footprint. 5. **Protection Circuitry:** * **Overcurrent Protection:** Prevents damage during short circuits. * **Thermal Shutdown:** Shuts the device down if junction temperature exceeds safe limits. * **Undervoltage Lockout (UVLO):** Ensures the device only operates when the input voltage is stable. --- ### Typical Application Circuit Components When designing with the ADP2303, the following external components are required: * **Inductor (L):** Usually between $4.7 \mu H$ and $10 \mu H$, chosen based on the desired ripple current. * **Input Capacitor ($C_{IN}$):** Typically a ceramic capacitor (10 $\mu$F or higher) to handle the high switching currents. * **Output Capacitor ($C_{OUT}$):** Ceramic capacitors are preferred for low ESR and stability. * **Feedback Resistors ($R_1, R_2$):** Used to set the output voltage via the FB pin. --- ### Naming Convention Breakdown * **ADP2303:** Base Model Number. * **A:** Standard Version. * **RDZ:** Package Designator (SOIC with Exposed Pad, Lead-Free). * **R7:** Tape and Reel packaging (7-inch reel).
    ✨ Follow-up Questions
    • What are the recommended values for the compensation network components?
    • How do I calculate the output voltage using the feedback resistors?
    • Can this part be used in a multi-rail power sequencing setup?