전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ADP2370ACPZ-R7

  • AI
    ## Overview of the ADP2370ACPZ-R7 The **ADP2370ACPZ-R7** is a high-efficiency, low quiescent current, step-down (buck) DC-to-DC regulator manufactured by **Analog Devices**. It is designed for applications where power efficiency and space-saving are critical, such as battery-powered portable devices. --- ### 1. Key Technical Specifications | Parameter | Specification | |:---|:---| | **Input Voltage Range** | 3.2 V to 15 V | | **Output Current** | Up to 800 mA | | **Output Voltage** | Adjustable or Fixed (0.8 V to Vin) | | **Switching Frequency** | 600 kHz or 1.2 MHz (Pin selectable) | | **Quiescent Current** | 14 µA (Typical in No Load) | | **Package Type** | 8-Lead LFCSP (3mm x 3mm) | | **Operating Temperature** | -40°C to +125°C | --- ### 2. Functional Electronic Components (Internal) The ADP2370 integrates several internal components to simplify the design of the power circuit: * **Power MOSFETs:** It contains integrated high-side and low-side power switches, which eliminates the need for an external Schottky diode and improves overall efficiency. * **PWM/PSM Controller:** It uses Pulse Width Modulation (PWM) for heavy loads and automatically switches to Power Save Mode (PSM) for light loads to conserve battery life. * **Precision Enable (EN):** A dedicated pin to turn the device on/off. It has a precise threshold, allowing it to be used as a programmable UVLO (Under Voltage Lockout). * **Power Good (PG):** An open-drain output that indicates whether the output voltage is within its regulated range. --- ### 3. Required External Components To create a complete power supply circuit using the ADP2370, the following external parts are required: 1. **Inductor (L):** Typically between $1\mu H$ and $10\mu H$. It stores energy during the switching cycle. 2. **Input Capacitor ($C_{IN}$):** Usually a $10\mu F$ ceramic capacitor to filter input noise. 3. **Output Capacitor ($C_{OUT}$):** Usually a $22\mu F$ ceramic capacitor to stabilize the output voltage. 4. **Feedback Resistors ($R_1, R_2$):** Required only for the *adjustable* version to set the specific output voltage level. --- ### 4. Part Number Breakdown | Segment | Meaning | |:---|:---| | **ADP2370** | Base model number (High Voltage Buck Regulator) | | **ACPZ** | Lead-free, RoHS compliant LFCSP package | | **R7** | 7-inch Tape and Reel packaging (3,000 units) | --- ### 5. Common Applications * Portable and battery-powered equipment. * Industrial sensors and "Smart" meters. * Medical instrumentation. * Point-of-Load (POL) power conversion.
    ✨ Follow-up Questions
    • ⤷What is the difference between the 600 kHz and 1.2 MHz frequency modes?
    • ⤷ How do I calculate the feedback resistors for a 3.3V output?
    • ⤷ What are the thermal considerations for the LFCSP package?