전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ADP2380AREZ-R7

  • AI
    ## Technical Overview of ADP2380AREZ-R7 The **ADP2380AREZ-R7** is a high-efficiency, synchronous step-down (buck) switching regulator manufactured by Analog Devices. It is designed to convert a higher input voltage into a lower, regulated output voltage with high power density. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Input Voltage Range** | 4.5 V to 20 V | | **Output Current** | Up to 4 A | | **Switching Frequency** | 250 kHz to 1.4 MHz (Adjustable) | | **Reference Voltage** | 0.6 V (±1% accuracy) | | **Package Type** | 16-Lead HTSSOP_EP | | **Operating Temperature** | -40°C to +125°C | --- ### 2. Core Functional Components The internal architecture of the ADP2380 includes several critical electronic sub-systems: * **Integrated Power MOSFETs:** It features high-side and low-side N-channel MOSFETs. Because the low-side switch is integrated, it eliminates the need for an external Schottky diode, improving efficiency and reducing board space. * **Current Mode Control:** The device uses a peak current-mode control architecture. This provides fast transient response and makes the "loop compensation" (stabilizing the power supply) easier for engineers. * **Precision Enable (EN):** This pin allows the device to be turned on or off. It has a precise threshold, allowing it to be used as an adjustable Under-Voltage Lockout (UVLO). * **Power Good (PGOOD):** An open-drain output that signals when the output voltage is within its regulated range (typically 90% of the target). --- ### 3. Pinout and Circuit Role | Pin Name | Function | | :--- | :--- | | **PVIN / VIN** | Power input for the power stage and internal circuitry. | | **SW** | Switching node; connects to the external inductor. | | **BST** | Bootstrap pin; provides voltage to drive the high-side MOSFET. | | **VREG** | Internal low-dropout regulator (LDO) output for internal logic. | | **RT** | Frequency set pin; a resistor here determines the switching speed. | | **COMP** | Compensation pin for stabilizing the feedback loop. | --- ### 4. Typical Applications The ADP2380 is commonly used in high-performance environments such as: 1. **Communications Infrastructure:** Base stations and networking equipment. 2. **Industrial Power:** Automation and control systems requiring 12V or 5V rails. 3. **Consumer Electronics:** Set-top boxes and high-end gaming consoles. 4. **Medical Equipment:** Precision instrumentation requiring stable power rails. --- ### 5. Part Number Breakdown * **ADP2380:** Base part number (4A Buck Regulator). * **A:** Performance/Feature grade. * **REZ:** Indicates the HTSSOP (Thermally Enhanced Thin Shrink Small Outline) package. * **R7:** Packaging suffix (7-inch reel, usually containing 1,000 units).
    ✨ Follow-up Questions
    • ⤷ How do I calculate the external inductor value for the ADP2380?
    • ⤷ What are the advantages of the HTSSOP package for heat dissipation?
    • ⤷ Can the ADP2380 be synchronized to an external clock?