전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ADP2389ACPZ-R7

  • AI
    ## Overview of ADP2389ACPZ-R7 The **ADP2389ACPZ-R7** is a high-efficiency, synchronous step-down (buck) DC-to-DC regulator manufactured by **Analog Devices**. It is designed to handle high current loads while maintaining a small footprint, making it ideal for high-density power applications. --- ### Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Input Voltage Range** | 4.5 V to 20 V | | **Output Current** | Up to 12 A | | **Adjustable Output** | 0.6 V up to 90% of $V_{IN}$ | | **Switching Frequency** | 200 kHz to 1.4 MHz (Resistor Programmable) | | **Efficiency** | Up to 95% | | **Package** | 24-lead LFCSP (4 mm × 4 mm) | | **Operating Temp** | -40°C to +125°C | --- ### Core Electronic Components & Features #### 1. Integrated Power MOSFETs The device integrates both the high-side and low-side power MOSFETs. Because these are synchronous, the device uses the low-side MOSFET instead of an external Schottky diode, significantly reducing power loss and improving efficiency. #### 2. Current Mode Architecture It utilizes a **fixed-frequency, peak current-mode control architecture**. This provides: * Fast transient response to load changes. * Simplified loop compensation. * Cycle-by-cycle current limiting for component protection. #### 3. Precision Enable and Power Good * **Precision Enable:** Allows for accurate sequencing of multiple power rails. * **Power Good (PGOOD):** An open-drain output that indicates when the output voltage is within its regulated range. #### 4. Protection Circuitry To ensure reliability in industrial and communications equipment, the ADP2389 includes: * **Overcurrent Protection (OCP):** Prevents damage during short circuits. * **Thermal Shutdown (TSD):** Shuts the device down if the internal junction temperature exceeds safety limits. * **Undervoltage Lockout (UVLO):** Ensures the device only operates when the input voltage is stable. --- ### Typical Application Circuit The ADP2389 requires a few external components to function: 1. **Inductor ($L$):** To store energy during the switching cycle. 2. **Input/Output Capacitors:** For filtering noise and smoothing voltage. 3. **Resistor Divider:** Connected to the `FB` (Feedback) pin to set the target output voltage. 4. **RT Resistor:** To set the desired switching frequency. ```python # Formula for Output Voltage Selection V_out = 0.6 * (1 + (R1 / R2)) ``` --- ### Common Applications * **Communications:** Base stations, routers, and switches. * **Industrial:** High-end PLC systems and point-of-load (POL) regulation. * **Computing:** Server power supplies and FPGA/DSP power rails.
    ✨ Follow-up Questions
    • ⤷ How do I calculate the inductor value for a 12A load using this chip?
    • ⤷ What are the layout recommendations for the LFCSP package to manage heat?
    • ⤷ Can the ADP2389 be synchronized to an external clock?