전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ADP2390ACPZ-R7

  • AI
    ## Technical Overview of ADP2390ACPZ-R7 The **ADP2390ACPZ-R7** is a high-efficiency, integrated synchronous step-down (buck) switching regulator manufactured by **Analog Devices**. It is designed for compact applications requiring high power density and excellent transient response. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Input Voltage Range** | 4.5V to 18V | | **Output Voltage Range** | Adjustable (down to 0.6V) | | **Continuous Output Current** | 6A | | **Switching Frequency** | Programmable (200 kHz to 1.2 MHz) | | **Package Type** | 24-Lead LFCSP (4mm x 4mm) | | **Efficiency** | Up to 95% | | **Operating Temperature** | -40°C to +125°C | --- ### 2. Core Functional Blocks The device integrates several critical electronic components into a single silicon die to reduce external part count: 1. **High-Side & Low-Side MOSFETs:** Built-in power switches that eliminate the need for an external Schottky diode, improving efficiency and saving PCB space. 2. **Current Mode Control Loop:** Uses a peak current mode architecture for fast line and load transient response and simple loop compensation. 3. **Precision Enable (EN):** Allows for precise power sequencing and provides a shutdown mode with low current consumption (typically < 3μA). 4. **Power Good (PGOOD):** An open-drain output that indicates when the output voltage is within its regulated range. 5. **External Synchronization:** Capability to synchronize with an external clock to manage EMI in multi-rail systems. --- ### 3. Application Use Cases Due to its 6A current capability and wide input range, it is commonly used in: * **Intermediate Bus Voltages:** Converting 12V or 5V rails to lower voltages for CPUs or FPGAs. * **Networking/Telecom:** Base stations and routers. * **Industrial/Instrumentation:** High-density power supplies for medical or test equipment. * **Consumer Electronics:** Set-top boxes and high-end gaming consoles. --- ### 4. Circuit Implementation Example (Simplified) To implement this part, the following external components are typically required: ```markdown - Inductor (L): Stores energy during the "on" cycle. - Input Capacitor (Cin): Ceramic caps (X5R/X7R) for filtering ripple. - Output Capacitor (Cout): Stabilizes output voltage. - Resistor Divider: Sets the specific output voltage (Vout). - Compensation Network: Resistors and capacitors on the COMP pin to stabilize the feedback loop. ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the recommended values for the inductor and output capacitors for a 12V to 3.3V conversion?
    • ⤷ How does the ADP2390 handle thermal protection and overcurrent events?
    • ⤷ Can this part be used in a parallel configuration for higher current requirements?