전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ADP2442ACPZ-R7

  • AI
    ## Technical Overview of ADP2442ACPZ-R7 The **ADP2442ACPZ-R7** is a high-efficiency, synchronous step-down (buck) DC-to-DC regulator. It is designed by Analog Devices and is widely used for industrial and automotive applications due to its wide input voltage range and robust protection features. ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Input Voltage Range** | 4.5 V to 36 V | | **Output Current** | Up to 1 A | | **Switching Frequency** | Adjustable (300 kHz to 1 MHz) | | **Efficiency** | Up to 94% | | **Package Type** | 12-lead LFCSP (3mm x 3mm) | | **Operating Temperature** | -40°C to +125°C | --- ### 2. Core Functional Components The internal architecture of the ADP2442 involves several critical electronic stages: * **Synchronous Rectification:** It integrates both a high-side N-channel MOSFET and a low-side N-channel MOSFET. This removes the need for an external Schottky diode, reducing power loss and PCB space. * **Pulse Width Modulation (PWM) Controller:** Operates in current-mode control, providing fast transient response and easy loop compensation. * **Precision Enable (EN) Pin:** Allows for accurate power sequencing. The threshold is precise enough to be used as a programmable UVLO (Under Voltage Lock Out). * **Frequency Synchronization:** It includes a `SYNC/MODE` pin which allows the internal clock to be synchronized to an external clock to minimize system noise. ### 3. Protection Mechanisms To ensure longevity and reliability, the chip includes several hardware-level safeguards: 1. **Overcurrent Protection (OCP):** Monitors the peak current in the MOSFETs to prevent damage during a short circuit. 2. **Thermal Shutdown:** Automatically turns off the device if the junction temperature exceeds safe limits (typically around 150°C). 3. **Soft Start:** Gradually increases the output voltage during power-up to prevent high inrush currents. --- ### 4. Typical Application Circuit In a standard deployment, the ADP2442 requires a few external passive components. Below is a conceptual representation of the external requirements: ```text Input (4.5V-36V) ----[Cin]----+---- (VIN Pin) | (BST Pin)----[Cbootstrap]----(SW Pin) | | (SW Pin)--------------------[Inductor]----[Cout]---- Output | | (FB Pin)----[Resistor Divider]--------------+ ``` ### 5. Common Use Cases * **Industrial Automation:** Distributing power from 24V rails to 5V or 3.3V logic. * **Medical Equipment:** High-efficiency power conversion for portable diagnostic tools. * **Automotive:** Handling battery voltage fluctuations (load dump) effectively. ---
    ✨ Follow-up Questions
    • ⤷What are the specific benefits of current-mode control in this regulator?
    • ⤷ How do I calculate the inductor value for a 5V output using the ADP2442?
    • ⤷ What is the purpose of the SYNC/MODE pin regarding power-saving modes?