전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ADP2503ACPZ-R7

  • AI
    ## Technical Overview of the ADP2503ACPZ-R7 The **ADP2503ACPZ-R7** is a high-efficiency, low quiescent current, step-up/step-down (buck-boost) DC-to-DC converter produced by **Analog Devices**. It is designed for applications where the input voltage can be higher than, lower than, or equal to the desired output voltage. --- ### Key Specifications | Feature | Specification | | :--- | :--- | | **Topology** | Buck-Boost (Non-inverting) | | **Input Voltage Range** | 2.3 V to 5.5 V | | **Output Voltage** | Fixed or Adjustable (varies by sub-model) | | **Max Output Current** | 600 mA | | **Switching Frequency** | 2.5 MHz | | **Package** | 10-lead LFCSP (3mm x 3mm) | | **Operating Temp** | -40°C to +125°C | --- ### Electronic Components & Functions The internal architecture of the ADP2503 consists of several critical stages: 1. **Four-Switch Bridge:** Unlike a standard buck converter, it uses four internal switches (MOSFETs) to seamlessly transition between buck mode and boost mode without causing output voltage transients. 2. **Current Mode Control:** Uses a high-speed current-mode architecture for excellent line and load transient response. 3. **Power-Save Mode (PSM):** At light loads, the device automatically shifts into a power-saving pulse-frequency modulation (PFM) to maintain high efficiency. 4. **Sync-Rectification:** Uses internal low-resistance synchronous switches to minimize power loss compared to using external Schottky diodes. --- ### External Components Required To implement the ADP2503 in a circuit, the following passive components are typically required: * **Inductor ($L$):** Usually 1.0 $\mu$H to 1.5 $\mu$H. A high-frequency inductor is needed due to the 2.5 MHz switching speed. * **Input Capacitor ($C_{IN}$):** Typically a 10 $\mu$F ceramic capacitor to decouple the power source. * **Output Capacitor ($C_{OUT}$):** Typically a 22 $\mu$F ceramic capacitor to minimize voltage ripple. --- ### Application Use Cases * **Single-cell Lithium-ion Batteries:** Ideal because the battery voltage drops from 4.2V to 2.7V, often crossing the required 3.3V system rail. * **Portable Medical Devices:** Where small footprint and high efficiency are critical. * **USB Powered Devices:** Managing fluctuations in 5V rails to provide stable internal power. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between the fixed and adjustable versions of the ADP2503?
    • ⤷ How does the 2.5 MHz switching frequency impact the size of external components?
    • ⤷ Can you provide a basic circuit diagram for this part?