전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ADP3333ARMZ-3.3-R7

  • AI
    ## Technical Overview: ADP3333ARMZ-3.3-R7 The **ADP3333ARMZ-3.3-R7** is a high-precision, low dropout (LDO) linear regulator manufactured by Analog Devices. It belongs to the `anyCAP®` family, which is unique because it is stable with any type of capacitor, including low ESR (Equivalent Series Resistance) ceramic capacitors. ### Core Specifications The following table highlights the primary electrical characteristics of this specific variant: | Parameter | Specification | | :--- | :--- | | **Output Voltage** | Fixed 3.3V | | **Input Voltage Range** | 2.6V to 12V | | **Output Current** | 300 mA | | **Dropout Voltage** | 140 mV (typical at 300 mA) | | **Accuracy** | ±0.8% at 25°C, ±1.4% over temp | | **Package Type** | MSOP-8 (Micro Small Outline Package) | | **Operating Temperature** | -40°C to +85°C | --- ### Key Electronic Features 1. **anyCAP® Technology**: Unlike traditional LDOs that require a specific ESR range for the output capacitor to prevent oscillation, the ADP3333 is stable with any quality capacitor (Ceramic, Tantalum, or Electrolytic). 2. **Low Dropout Voltage**: With a dropout of only 140mV at full load, it is highly efficient for battery-operated devices where the input voltage might be very close to the 3.3V output target. 3. **Safety Protections**: * **Current Limit**: Protects the device during short-circuit conditions. * **Thermal Overload Protection**: Shuts down the device if the internal junction temperature exceeds safe limits. 4. **Shutdown Mode**: Includes an enable/shutdown pin. When disabled, the ground current drops to less than 1 µA, significantly extending battery life. 5. **Error Flag**: An open-collector output that indicates if the output voltage has dropped more than 5% below its nominal value (useful for microprocessor reset triggers). --- ### Pin Configuration (MSOP-8) | Pin No. | Name | Function | | :--- | :--- | :--- | | 1 | **OUT** | Regulated Output Voltage (3.3V) | | 2, 3 | **OUT** | Connected internally to Pin 1 for heat dissipation | | 4 | **GND** | Ground | | 5 | **ERR** | Error Flag (Active Low) | | 6 | **SD** | Shutdown Control (High = On, Low = Off) | | 7, 8 | **IN** | Input Voltage (2.6V to 12V) | --- ### Typical Application Circuit ```mermaid graph LR Vin[Input Voltage] --> IN[ADP3333 IN Pin] IN --> OUT[ADP3333 OUT Pin] OUT --> Vout[3.3V Output] OUT --- C1[Output Cap 1uF] C1 --- GND[Ground] SD[Shutdown Pin] --- Logic[MCU Control] ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the advantages of anyCAP technology compared to standard LDOs?
    • ⤷ How does the Error Flag pin interface with a microcontroller?
    • ⤷ What is the maximum power dissipation for the MSOP-8 package?