전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ADP3335ARMZ-5-R7

  • AI
    ## Technical Overview: ADP3335ARMZ-5-R7 The **ADP3335ARMZ-5-R7** is a high-precision, low dropout (LDO) linear regulator manufactured by **Analog Devices**. It belongs to the `anyCAP®` family, which is unique because it is stable with any type of capacitor, including low-ESR multilayer ceramic capacitors (MLCCs). --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Output Voltage** | Fixed 5.0V | | **Input Voltage Range** | 2.6V to 12V | | **Output Current** | 500 mA (Maximum) | | **Dropout Voltage** | 200 mV (Typical at 500mA) | | **Accuracy** | ±0.9% at 25°C, ±1.8% over temp/line/load | | **Package Type** | MSOP-8 (Micro Small Outline Package) | | **Operating Temp** | -40°C to +85°C | --- ### 2. Core Functional Components The internal architecture of the ADP3335 includes several critical electronic stages: 1. **Pass Transistor:** A PMOS pass element that allows for low dropout performance. 2. **Bandgap Reference:** Provides a highly stable internal voltage reference regardless of temperature fluctuations. 3. **Error Amplifier:** Constantly compares the output voltage against the internal reference to adjust the gate of the PMOS transistor. 4. **Shutdown Control (SD):** A logic-level input pin used to disable the device, reducing current consumption to less than 1 µA. 5. **Error Flag (ERR):** An open-collector output that signals if the output voltage falls out of regulation (e.g., during thermal overload or input undervoltage). --- ### 3. Pin Configuration (MSOP-8) | Pin Number | Name | Description | | :--- | :--- | :--- | | 1, 2 | **OUT** | Regulated 5.0V Output | | 3 | **ERR** | Error Flag (Active Low) | | 4 | **GND** | Ground | | 5 | **NR** | Noise Reduction (Optional bypass capacitor) | | 6 | **SD** | Shutdown (Active High to enable) | | 7, 8 | **IN** | Unregulated Input Voltage | --- ### 4. Distinctive Features * **anyCAP® Technology:** Unlike traditional LDOs that require a specific Equivalent Series Resistance (ESR) in the output capacitor to remain stable, the ADP3335 is stable with ceramic, tantalum, or aluminum electrolytic capacitors. * **Low Quiescent Current:** Typically 80 µA in light load conditions, making it suitable for battery-operated devices. * **Thermal & Current Protection:** Includes internal circuitry to prevent damage from short circuits or overheating. --- ### 5. Application Example ```c // Typical Implementation Notes: // 1. Place a 1.0uF ceramic capacitor between IN and GND. // 2. Place a 1.0uF ceramic capacitor between OUT and GND. // 3. Connect SD pin to IN (or a GPIO) to enable the regulator. // 4. Use a 10nF capacitor on the NR pin to further reduce output noise. ```
    ✨ Follow-up Questions
    • ⤷ What are the advantages of anyCAP technology over standard LDO regulators?
    • ⤷ How does the Error Flag (ERR) pin function in a system-on-chip design?
    • ⤷ Can this regulator handle an input voltage of 15V?