전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ADP3630ARMZ-R7

  • AI
    The **ADP3630ARMZ-R7** is a high-speed, dual-channel, 2-A MOSFET driver manufactured by Analog Devices. It is designed to act as an interface between low-power control signals (from a microcontroller or PWM controller) and high-power MOSFETs or IGBTs. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Manufacturer** | Analog Devices | | **Channels** | Dual (2 independent channels) | | **Output Current** | 2 A (Peak) | | **Supply Voltage Range** | 4.5 V to 18 V | | **Rise/Fall Time** | 10 ns / 10 ns (at 1000 pF load) | | **Propagation Delay** | 20 ns (typical) | | **Package** | MSOP-8 (ARMZ suffix) | | **Operating Temp** | -40°C to +125°C | --- ### 2. Functional Components The internal architecture of the ADP3630 consists of several critical electronic sections: * **Input Logic:** The device features TTL/CMOS compatible inputs. It uses logic-level thresholds that are independent of the supply voltage ($V_{DD}$), allowing it to interface directly with 3.3V or 5V controllers. * **Precision Undervoltage Lockout (UVLO):** This internal circuit ensures that the output remains low if the input voltage is below a certain threshold, preventing the MOSFETs from operating in a linear region where they could overheat. * **Shoot-Through Protection:** The internal circuitry is optimized to prevent cross-conduction, ensuring that the high-side and low-side drivers do not activate simultaneously in bridge configurations. * **Output Stage:** The output utilizes a robust "totem-pole" configuration capable of sourcing and sinking 2 A of peak current to quickly charge and discharge the gate capacitance of power transistors. --- ### 3. Pin Configuration (MSOP-8) | Pin No. | Name | Description | | :--- | :--- | :--- | | 1 | **INA** | Logic Input for Channel A | | 2 | **GND** | Ground | | 3 | **OUTA** | Driver Output for Channel A | | 4 | **VDD** | Supply Voltage (4.5V - 18V) | | 5 | **OUTB** | Driver Output for Channel B | | 6 | **NC** | No Connect | | 7 | **GND** | Ground (Redundant for thermal/noise) | | 8 | **INB** | Logic Input for Channel B | --- ### 4. Typical Application Circuit When designing with the ADP3630, external components are minimal but crucial: ```cpp // Schematic Concept [PWM Controller] ---> [INA (Pin 1)] [VCC 12V] ---> [VDD (Pin 4)] --- [0.1uF Ceramic Cap] --- [GND] [OUTA (Pin 3)] ---> [Gate Resistor] ---> [MOSFET Gate] ``` --- ### 5. Common Use Cases * **AC-to-DC Switch Mode Power Supplies (SMPS):** Used to drive the primary side switching transistors. * **DC-to-DC Converters:** Ideal for buck, boost, and forward converters. * **Motor Control:** Driving H-bridge circuits for brushed or brushless DC motors. * **Solar Inverters:** Managing high-speed switching in power optimization stages.
    ✨ Follow-up Questions
    • ⤷ What are the advantages of using the ADP3630 over a standard logic-level MOSFET?
    • ⤷ How does the propagation delay of 20ns impact high-frequency switching applications?
    • ⤷ What is the significance of the R7 suffix in the part number?