전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ADP3630ARZ-R7

  • AI
    ## ADP3630ARZ-R7: High-Speed Dual MOSFET Driver The **ADP3630ARZ-R7** is a high-performance, dual-channel, high-speed MOSFET driver manufactured by **Analog Devices**. It is specifically designed to drive power MOSFETs and IGBTs in high-frequency switching applications. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Channels** | Dual (2 independent channels) | | **Supply Voltage (VDD)** | 4.5 V to 18 V | | **Peak Output Current** | 2.0 A (Source/Sink) | | **Rise/Fall Time** | 10 ns / 10 ns (typical) | | **Propagation Delay** | 20 ns (typical) | | **Logic Input** | TTL/CMOS Compatible | | **Package Type** | 8-Lead SOIC (Small Outline Integrated Circuit) | | **Operating Temperature** | -40°C to +125°C | --- ### 2. Functional Components and Features * **Dual-Channel Configuration:** Provides two independent drivers in a single package, allowing for the control of two separate MOSFETs (e.g., in a half-bridge or push-pull topology). * **High-Speed Switching:** The extremely low propagation delay and fast rise/fall times minimize switching losses, making it ideal for high-frequency DC-DC converters. * **Precision Inputs:** The input thresholds are fixed, ensuring consistent performance even if the supply voltage (VDD) fluctuates. * **UVLO (Under-Voltage Lockout):** Prevents the driver from operating if the supply voltage is too low, protecting the external MOSFETs from entering a linear (and damaging) state. * **Shoot-Through Protection:** Designed with internal circuitry to minimize the risk of cross-conduction in bridge circuits. --- ### 3. Pin Configuration (8-Lead SOIC) | Pin No. | Name | Description | | :--- | :--- | :--- | | 1 | **NC** | No Connection | | 2 | **INA** | Logic Input for Channel A | | 3 | **GND** | Ground | | 4 | **INB** | Logic Input for Channel B | | 5 | **OUTB** | Driver Output for Channel B | | 6 | **VDD** | Supply Power | | 7 | **OUTA** | Driver Output for Channel A | | 8 | **NC** | No Connection | --- ### 4. Typical Applications The ADP3630ARZ-R7 is widely used in power management systems where efficiency and speed are critical: 1. **Switch Mode Power Supplies (SMPS):** Driving the primary side MOSFETs. 2. **DC-to-DC Converters:** Buck, Boost, and Forward converters. 3. **Motor Controllers:** Driving H-bridge circuits for small DC motors. 4. **Class-D Audio Amplifiers:** Providing the necessary gate drive for output stages. --- ### 5. Part Number Breakdown: `ADP3630ARZ-R7` * **ADP3630:** Base part number (High-speed dual driver family). * **A:** Performance/Temperature Grade. * **R:** Package identifier (SOIC). * **Z:** RoHS compliant (Lead-free). * **R7:** Packaging format (7-inch Reel, typically 1,000 units).
    ✨ Follow-up Questions
    • ⤷ What is the difference between the ADP3630 and the ADP3624 series?
    • ⤷ Can this driver be used in a high-side configuration without an isolated supply?
    • ⤷ How does the Under-Voltage Lockout (UVLO) threshold affect circuit startup?