전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ADP5020ACPZ-R7

  • AI
    The **ADP5020ACPZ-R7** is a high-performance Power Management Unit (PMU) manufactured by Analog Devices. It is specifically designed for applications requiring multiple power rails in a small form factor, such as portable consumer electronics and handheld devices. --- ## 1. Core Technical Specifications The device integrates multiple regulators into a single package to reduce PCB footprint and complexity. | Parameter | Specification | | :--- | :--- | | **Manufacturer** | Analog Devices | | **Package** | 20-Lead LFCSP (4mm x 4mm) | | **Buck Regulators** | 1 High-Efficiency Step-Down Regulator | | **LDO Regulators** | 2 Low-Dropout Regulators (LDOs) | | **Input Voltage Range** | 2.3V to 5.5V | | **Operating Temperature** | -40°C to +125°C | | **Communication Interface** | I2C Compatible | --- ## 2. Key Internal Components The ADP5020 is not just a single regulator; it is a system of parts: ### A. Step-Down (Buck) Regulator - **Efficiency:** Capable of up to 95% efficiency. - **Function:** Converts higher input voltage (like a Li-Ion battery) to a lower voltage for the processor core or memory. - **Switching Frequency:** Operates at a high frequency (3 MHz), allowing for the use of very small inductors and capacitors. ### B. Low Dropout Regulators (LDOs) - **Purpose:** Used for noise-sensitive components like analog-to-digital converters (ADCs) or RF sections. - **Output Current:** Usually provides lower current compared to the buck regulator but with significantly less electrical noise. ### C. Digital Control Block (I2C) - Allows the host processor to dynamically change output voltages, power-down specific rails to save energy, and monitor the status of the power system. --- ## 3. Pinout and Physical Features The **"ACPZ-R7"** suffix provides specific manufacturing details: * **AC:** Refers to the temperature grade and package type. * **PZ:** Indicates Lead-Free (RoHS compliant) material. * **R7:** Indicates that the part is shipped on a 7-inch Tape and Reel (usually 1,500 units). ### Application Use Cases 1. **Smartphones/Tablets:** Managing power for the internal chipset. 2. **Wearables:** High efficiency extends battery life in small devices. 3. **Medical Portables:** Reliable power for handheld diagnostic tools. --- ## 4. Typical Circuit Diagram Elements When designing with the ADP5020, the following external components are required: * **Inductors:** Required for the Buck regulator (typically 1.0µH to 2.2µH). * **Input/Output Capacitors:** Ceramic capacitors (MLCC) are used for stability and noise filtering. * **Pull-up Resistors:** Necessary for the I2C SDA and SCL lines.
    ✨ Follow-up Questions
    • ⤷ What is the maximum output current for the individual rails on the ADP5020?
    • ⤷ How does the I2C interface specifically control the output voltage?
    • ⤷ What are the recommended inductor values for the buck regulator section?