전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ADP5034AREZ-R7

  • AI
    ## Technical Overview of ADP5034AREZ-R7 The **ADP5034AREZ-R7** is a high-performance, integrated power management unit (PMU) manufactured by **Analog Devices**. It is designed for applications requiring multiple power rails in a compact form factor, such as smartphones, tablets, and portable industrial devices. --- ### Core Specifications | Feature | Specification | | :--- | :--- | | **Manufacturer** | Analog Devices Inc. | | **Package Type** | 28-Lead LFCSP (Lead Frame Chip Scale Package) | | **Input Voltage Range** | 2.3 V to 5.5 V | | **Regulators** | 2 x Buck (Step-Down) + 2 x LDO | | **Buck Output Current** | 1200 mA (per channel) | | **LDO Output Current** | 300 mA (per channel) | | **Switching Frequency** | 3 MHz | | **Operating Temp** | -40°C to +125°C | --- ### Main Electronic Components & Functions #### 1. Dual Step-Down (Buck) Regulators The chip features two high-efficiency buck regulators. * **High Frequency:** Operating at 3 MHz allows the use of very small inductors and ceramic capacitors, reducing the overall PCB footprint. * **Mode Switching:** They can operate in Forced PWM mode (for low noise) or Auto PWM/PSM mode (to save power during light loads). #### 2. Dual Low Dropout (LDO) Regulators Two 300 mA LDOs provide clean, low-noise power. * **PSRR:** They feature high Power Supply Rejection Ratio, making them ideal for noise-sensitive analog components like sensors or RF stages. * **Low Quiescent Current:** Designed to minimize battery drain. #### 3. Control & Protection Circuits The internal logic manages the safety and sequencing of the power rails: * **Soft Start:** Gradually increases output voltage to prevent inrush current. * **Thermal Shutdown (TSD):** Protects the device from overheating. * **Overcurrent Protection:** Limits current if a short circuit occurs. * **Undervoltage Lockout (UVLO):** Ensures the device doesn't operate if the input voltage is too low. --- ### Typical Application Circuit Requirements To implement this part, the following external components are typically required: ```yaml Components: Inductors: 2 x 1.0 µH (for Buck regulators) Input Capacitors: 10 µF Ceramic Output Capacitors: 10 µF to 22 µF (depending on ripple requirements) Resistors: Voltage divider network (if using adjustable version) ``` --- ### Key Advantages * **Space Saving:** Consolidates four regulators into a single $5mm \times 5mm$ package. * **Efficiency:** High conversion efficiency (>90%) extends battery life in portable electronics. * **Flexible Sequencing:** Individual enable pins for each regulator allow for specific power-up timing.
    ✨ Follow-up Questions
    • ⤷What is the difference between the fixed and adjustable output versions of the ADP5034?
    • ⤷ How do I calculate the inductor value for the 3MHz buck regulators?
    • ⤷ What are the specific pinout differences for the LFCSP package?