전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ADP5037ACPZ-2-R7

  • AI
    ## Technical Overview: ADP5037ACPZ-2-R7 The **ADP5037ACPZ-2-R7** is a high-performance, integrated Power Management Unit (PMU) manufactured by Analog Devices. It is designed to provide a compact power solution for processors, FPGAs, and other complex electronic systems requiring multiple voltage rails. ### 1. Key Internal Components The device integrates four high-frequency regulators into a single package: | Component | Type | Output Current | Key Features | | :--- | :--- | :--- | :--- | | **Buck 1** | DC-DC Step-Down | 800 mA | High efficiency, 3 MHz switching | | **Buck 2** | DC-DC Step-Down | 800 mA | Synchronous rectification | | **LDO 1** | Low Dropout Regulator | 300 mA | Low noise, high PSRR | | **LDO 2** | Low Dropout Regulator | 300 mA | Low noise, high PSRR | --- ### 2. Technical Specifications The electrical characteristics are optimized for battery-powered or space-constrained applications. * **Input Voltage Range:** 2.5 V to 5.5 V (suitable for Li-ion batteries). * **Switching Frequency:** 3 MHz (allows for very small external inductors/capacitors). * **Package:** 24-lead LFCSP (4 mm × 4 mm), which offers excellent thermal performance. * **Quiescent Current:** Low power consumption in standby mode. * **Control Interface:** Dedicated enable pins for each regulator allowing custom power sequencing. --- ### 3. Protection and Functional Blocks To ensure system reliability, the chip includes several safety and control mechanisms: 1. **Thermal Shutdown (TSD):** Protects the IC from damage if the internal temperature exceeds safe limits. 2. **Undervoltage Lockout (UVLO):** Prevents the device from operating if the input voltage is too low to maintain stable outputs. 3. **Soft Start:** Gradually increases the output voltage during startup to minimize inrush current. 4. **Power-On Reset (POR):** Provides a signal to the processor once all voltage rails are stable. --- ### 4. Typical Application Circuit The following represents a simplified connection logic for the Buck converters: ```c // Pseudocode Logic for Power Sequencing If (VIN > UVLO_Threshold) { Enable(BUCK1); // Primary Core Rail Delay(2ms); Enable(BUCK2); // I/O Rail Delay(1ms); Enable(LDO1); // Analog Rail } ``` --- ### 5. Common Use Cases * **Mobile Handsets:** Powering baseband and application processors. * **Medical Equipment:** Portable diagnostics requiring low-noise analog rails (LDOs). * **Industrial Sensors:** Compact power conversion for IoT nodes.
    ✨ Follow-up Questions
    • ⤷What are the specific output voltage options for the -2-R7 variant?
    • ⤷ How does the 3 MHz switching frequency impact the choice of external inductors?
    • ⤷ Can the two LDOs be paralleled to increase output current?