전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ADP5300ACPZ-2-R7

  • AI
    ### Overview of ADP5300ACPZ-2-R7 The **ADP5300ACPZ-2-R7** is a high-efficiency, ultra-low quiescent current synchronous step-down (buck) DC-to-DC regulator. It is designed specifically for battery-powered applications where extending battery life is the primary concern. --- ### Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Manufacturer** | Analog Devices Inc. (ADI) | | **Topology** | Synchronous Buck Regulator | | **Input Voltage Range** | 2.15 V to 6.50 V | | **Output Current** | 500 mA (Maximum) | | **Quiescent Current ($I_q$)** | 180 nA (Typical, No load) | | **Output Voltage** | Pin-selectable (Fixed options) | | **Switching Frequency** | 2 MHz (PWM Mode) | | **Package** | 10-lead LFCSP (3mm x 3mm) | --- ### Core Components & Features #### 1. Power Management Architecture The device features two distinct operating modes to optimize efficiency across the entire load spectrum: * **Hysteresis Mode:** Used during light loads to achieve ultra-low power consumption (180 nA $I_q$). * **PWM (Pulse Width Modulation) Mode:** Automatically shifts to PWM at higher loads to minimize noise and output ripple, operating at a fixed 2 MHz frequency. #### 2. Integrated Power Switches It contains internal high-side and low-side power MOSFETs. This integration reduces the need for external Schottky diodes and saves board space. #### 3. Protection Circuitry * **Overcurrent Protection:** Limits the peak inductor current. * **Thermal Shutdown:** Protects the IC from damage during excessive temperature conditions. * **Undervoltage Lockout (UVLO):** Ensures the device doesn't operate when the input voltage is too low to maintain stability. #### 4. VOUT Selection The "-2" in the part number indicates a specific voltage configuration. The output voltage is typically set via the **VOUT_SEL** pins, allowing users to choose between preset levels (e.g., 1.2V, 1.5V, 1.8V, 2.5V, 3.0V, 3.3V) without requiring external feedback resistors. --- ### Typical Application Circuit ```mermaid graph LR Vin[Input 2.15V-6.5V] --> Cin(Input Cap) Cin --> IC[ADP5300] IC --> L1(Inductor) L1 --> Cout(Output Cap) Cout --> Vout[Output 500mA] IC --- GND[Ground] ``` ### Common Applications * **Wearables:** Smartwatches and fitness trackers. * **IoT Sensors:** Low-power wireless sensor nodes. * **Portable Medical Devices:** Handheld monitors and diagnostic tools. * **Energy Harvesting:** Systems powered by small solar cells or thermal generators.
    ✨ Follow-up Questions
    • ⤷ What are the specific output voltage options for the -2-R7 variant?
    • ⤷ How does the SYNC pin affect the switching noise of this regulator?
    • ⤷ What is the recommended inductor value for a 3.3V output configuration?