전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ADP5301ACBZ-1-R7

  • AI
    The **ADP5301ACBZ-1-R7** is a high-efficiency, ultra-low quiescent current step-down (buck) regulator designed by Analog Devices. It is specifically engineered for battery-operated devices where extending battery life is the primary design goal. --- ### ## Technical Specifications The following table highlights the key electrical characteristics of the component: | Parameter | Specification | | :--- | :--- | | **Input Voltage Range** | 2.15 V to 6.50 V | | **Output Current** | Up to 500 mA (Buck Mode) | | **Quiescent Current ($I_q$)** | 180 nA (Typical, No Load) | | **Adjustable Output** | 0.8 V to 5.0 V | | **Switching Frequency** | 2 MHz (PWM Mode) | | **Package Type** | 9-ball WLCSP (Wafer Level Chip Scale Package) | | **Operating Temperature** | -40°C to +125°C | --- ### ## Core Features & Functionality #### 1. Dual Operating Modes The device optimizes efficiency across different load conditions by switching between two modes: * **Hysteresis Mode:** Used for ultra-low power consumption during light loads (e.g., standby mode). It minimizes switching losses to achieve over 90% efficiency at μA levels. * **PWM (Pulse Width Modulation) Mode:** Used for higher loads to provide low output ripple and constant frequency switching, reducing EMI (Electromagnetic Interference). #### 2. SYNC Pin Functionality The IC includes a SYNC pin that allows the internal oscillator to be synchronized with an external clock. This is crucial for noise-sensitive applications like RF or audio. #### 3. Power Good (PG) Flag An integrated Power Good output signals when the output voltage is within its regulated range, which is useful for sequencing multiple power rails in complex systems. --- ### ## Pin Configuration (9-Ball WLCSP) | Pin | Name | Description | | :--- | :--- | :--- | | A1 | VIN | Input Voltage Supply | | A2 | SW | Switching Node (Connect to Inductor) | | A3 | PGND | Power Ground | | B1 | VOUT | Output Voltage Sense | | B2 | SYNC/MODE | Mode selection or External Clock Sync | | B3 | AGND | Analog Ground | | C1 | VID | Output Voltage Selection Pin | | C2 | EN | Enable Input (Active High) | | C3 | PG | Power Good Output | --- ### ## Typical Applications * **Wearables:** Smartwatches, fitness trackers, and health monitors. * **IoT Sensors:** Remote wireless sensors and smart home devices. * **Portable Medical:** Hearing aids and glucose meters. * **Energy Harvesting:** Systems powered by small solar cells or thermal generators. --- ### ## Schematic Connection Example ```c // Abstract Representation of External Component Selection Input_Capacitor = 10uF (Ceramic, Low ESR) Output_Capacitor = 22uF (Ceramic, Low ESR) Inductor = 2.2uH (High Saturation Current) ```
    ✨ Follow-up Questions
    • ⤷ How do you set the output voltage using the VID pin on this chip?
    • ⤷ What are the specific differences between the ADP5301 and ADP5302 models?
    • ⤷ What is the recommended layout strategy for the WLCSP package to manage heat?