전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ADP5588ACPZ-R7

  • AI
    The **ADP5588ACPZ-R7** is a highly integrated I/O expander and QWERTY keypad controller designed by Analog Devices. It is primarily used to offload the task of scanning keys and managing GPIOs from the main processor. --- ### 1. Technical Specifications Below are the key electrical and physical characteristics: | Parameter | Specification | | :--- | :--- | | **Manufacturer** | Analog Devices Inc. | | **Interface** | I2C (Up to 400 kHz Fast Mode) | | **Operating Voltage** | 1.8V to 3.3V | | **I/O Count** | Up to 18 Configurable I/Os | | **Key Matrix Support** | Up to 80 keys (8 rows x 10 columns) | | **Package** | 24-LFCSP (Lead Frame Chip Scale Package) | | **Operating Temperature** | -40°C to +85°C | --- ### 2. Core Functional Components The device consists of several integrated electronic blocks that allow it to function autonomously: #### A. Keypad Scanner - **Auto-Scan:** It automatically scans a key matrix without processor intervention. - **FIFO Buffer:** It includes a 10-event FIFO (First-In-First-Out) buffer to store key presses and releases, ensuring no "ghosting" or missed entries. - **Debounce Logic:** Built-in digital debouncing circuitry filters out mechanical noise from tactile switches. #### B. GPIO (General Purpose Input/Output) Expansion - Each of the 18 pins can be configured independently as: - A keypad matrix element (Row or Column). - A standard Logic Input. - A Logic Output. - **Interrupts:** It can be programmed to trigger an interrupt signal (`/INT`) to the host processor when a state change occurs. #### C. Power Management - **Low Power Mode:** The device enters a sleep state when no key activity is detected. - **Wake-up:** It automatically wakes up the host processor via the interrupt pin upon a key event. --- ### 3. Application Circuit Example A typical implementation involves connecting the ADP5588 to a microcontroller via the I2C bus. ```c // Example Pseudocode for I2C Initialization void setup_ADP5588() { I2C_Write(ADP5588_ADDR, KP_GPIO1, 0xFF); // Configure Pins as Keypad I2C_Write(ADP5588_ADDR, CFG_REG, 0x01); // Enable Keypad Scan I2C_Write(ADP5588_ADDR, INT_EN, 0x01); // Enable Interrupts } ``` --- ### 4. Typical Use Cases * **Mobile Handsets:** QWERTY keyboards and side buttons. * **Industrial Terminals:** Rugged keypads and status LEDs. * **Consumer Electronics:** Remote controls, printers, and smart home panels. * **Embedded Systems:** Adding I/O to microcontrollers with limited pin counts.
    ✨ Follow-up Questions
    • ⤷ How do you configure the debounce time on the ADP5588?
    • ⤷ What is the difference between the ACPZ and other variants of this chip?
    • ⤷ Can the ADP5588 drive LEDs directly?