전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ADP7102ACPZ-2.5-R7

  • AI
    ## Technical Overview of ADP7102ACPZ-2.5-R7 The **ADP7102ACPZ-2.5-R7** is a high-performance, low-dropout (LDO) linear regulator manufactured by Analog Devices. It is designed to provide a stable 2.5V output from a wide range of input voltages, making it ideal for noise-sensitive applications. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Output Voltage** | Fixed 2.5V | | **Input Voltage Range** | 3.3V to 20V | | **Maximum Output Current** | 300 mA | | **Dropout Voltage** | 200 mV (typical at 300 mA load) | | **PSRR (Power Supply Rejection Ratio)** | 60 dB at 10 kHz; 40 dB at 1 MHz | | **Operating Temperature** | -40°C to +125°C | | **Package Type** | 8-Lead LFCSP (3mm x 3mm) | --- ### 2. Core Functional Parts The internal architecture of the ADP7102 includes several critical electronic stages: 1. **Internal Reference:** A high-precision bandgap reference that ensures the 2.5V output remains stable regardless of temperature changes. 2. **Error Amplifier:** Compares the feedback from the output to the internal reference and adjusts the pass transistor to maintain the target voltage. 3. **Pass Transistor (PMOS):** Acts as the variable resistor controlled by the error amplifier to regulate voltage. 4. **Protection Circuitry:** * **Thermal Overload Protection:** Shuts down the device if the junction temperature exceeds safe limits. * **Current-Limit Protection:** Prevents damage to the regulator and load during short-circuit conditions. * **Reverse Current Protection:** Prevents current from flowing from the output back to the input. --- ### 3. Application Benefits * **Low Noise:** With an output noise of only **15 µV rms**, it is perfectly suited for powering sensitive analog-to-digital converters (ADCs), digital-to-analog converters (DACs), and RF amplifiers. * **Wide Input Range:** Unlike many LDOs that cap at 5.5V, this part can handle up to 20V, allowing it to regulate down from high-voltage industrial rails. * **Precision Enable:** The `EN` pin has a precise threshold, allowing the device to be used for programmable undervoltage lockout (UVLO) or sequenced power-up. --- ### 4. Typical Implementation Circuit To ensure stability, the ADP7102 requires minimal external components: ```c // Typical Schematic Connections VIN ----[ 1uF Capacitor to GND ]---- PIN 8 (VIN) GND -------------------------------- PIN 5/7 (GND/EPAD) VOUT ----[ 1uF Capacitor to GND ]---- PIN 1 (VOUT) EN ----[ Logic High/Switch ]------- PIN 6 (EN) ``` > **Note:** The use of low ESR (Equivalent Series Resistance) ceramic capacitors is highly recommended for the input and output filters to maintain high-frequency stability.
    ✨ Follow-up Questions
    • ⤷ What are the differences between the fixed 2.5V version and the adjustable version of the ADP7102?
    • ⤷ How does the LFCSP package affect the thermal management of this LDO?
    • ⤷ Can this regulator be used in automotive applications requiring AEC-Q100 qualification?