전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ADP7102ACPZ-9.0-R7

  • AI
    ## Overview of ADP7102ACPZ-9.0-R7 The **ADP7102ACPZ-9.0-R7** is a high-performance, low dropout (LDO) linear regulator manufactured by Analog Devices. It is designed to operate with high input voltages while maintaining low noise and high power supply rejection ratio (PSRR), making it ideal for powering sensitive analog circuits. --- ### Key Technical Specifications | Parameter | Value | | :--- | :--- | | **Output Voltage** | 9.0 V (Fixed) | | **Input Voltage Range** | 3.3 V to 20 V | | **Maximum Output Current** | 300 mA | | **Dropout Voltage** | 200 mV (typical at 300 mA) | | **PSRR** | 60 dB at 10 kHz (Vout = 5V) | | **Noise** | 15 µV rms (10 Hz to 100 kHz) | | **Package** | 8-lead LFCSP (3mm x 3mm) | | **Operating Temperature** | -40°C to +125°C | --- ### Internal Electronic Components & Features The device integrates several critical electronic sections within its silicon architecture: 1. **Pass Transistor:** A high-voltage PMOS pass element that allows for low dropout operation and minimizes ground current. 2. **Reference Voltage:** A low-noise precision reference that ensures the output voltage remains stable across temperature and load variations. 3. **Error Amplifier:** Compares the output voltage feedback against the internal reference to adjust the pass transistor's gate voltage. 4. **Protection Circuitry:** * **Thermal Shutdown:** Protects the IC from damage during over-temperature conditions. * **Current Limit:** Limits output current to prevent damage during short-circuit events. * **Reverse Current Protection:** Prevents current from flowing from the output back to the input. 5. **Soft Start:** Reduces inrush current during startup by gradually ramping the output voltage. --- ### Typical Application Circuit The ADP7102 requires minimal external components to function effectively. ```mermaid graph LR Vin[Input Voltage] --> C1[Cin 2.2uF] C1 --> IC[ADP7102] IC --> C2[Cout 2.2uF] C2 --> Vout[9.0V Output] IC --- GND[Ground] ``` --- ### Applications * **Precision Instrumentation:** Due to low noise and high PSRR. * **Medical Equipment:** Reliable power for sensors and diagnostic tools. * **Communications:** Powering RF components and VCOs. * **Industrial Automation:** Handling 12V or 15V rails to provide a stable 9V supply. ---
    ✨ Follow-up Questions
    • ⤷ What are the recommended values for the input and output capacitors?
    • ⤷ How does the LFCSP package affect the thermal management of this regulator?
    • ⤷ Can the 'Enable' pin be used for power sequencing in multi-rail systems?