전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ADP7102ARDZ-3.0-R7

  • AI
    ## Technical Overview: ADP7102ARDZ-3.0-R7 The **ADP7102ARDZ-3.0-R7** is a high-performance, CMOS low dropout (LDO) linear regulator. It is designed to provide a very stable and low-noise output voltage from a wide input range, making it ideal for sensitive analog and mixed-signal applications. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Manufacturer** | Analog Devices Inc. (ADI) | | **Output Voltage (Fixed)** | 3.0 V | | **Input Voltage Range** | 3.3 V to 20 V | | **Maximum Output Current** | 300 mA | | **Dropout Voltage** | 200 mV (typical at 300 mA) | | **Package / Case** | 8-Lead SOIC-EP (Exposed Pad) | | **Operating Temperature** | -40°C to +125°C | | **PSRR (Power Supply Rejection Ratio)** | 60 dB at 10 kHz; 40 dB at 1 MHz | --- ### 2. Functional Electronic Components & Features The internal architecture of this IC includes several critical electronic stages: * **Internal Reference:** A high-precision internal bandgap reference ensures the 3.0V output remains stable across temperature and input variations. * **Error Amplifier:** Compares the output voltage to the reference and adjusts the pass transistor to maintain regulation. * **Pass Transistor:** A P-channel MOSFET that regulates the current flow. Because it is a CMOS device, it maintains a low ground current (approx. 400 µA) even under full load. * **Precision Enable (EN):** This pin allows the device to be turned on/off. It has a high-precision threshold, allowing it to be used as a programmable UVLO (Under Voltage Lock Out). * **Power Good (PG) Output:** An active-high, open-drain output that signals when the output voltage is within 90% of its nominal value. * **Protection Circuits:** * **Thermal Shutdown:** Protects the IC from overheating. * **Current Limit:** Prevents damage during short-circuit conditions. --- ### 3. Application Circuit Requirements To ensure stability, specific external components are required: ```markdown Required External Components: 1. Input Capacitor (Cin): 1.0 µF (Ceramic, X5R or X7R recommended) 2. Output Capacitor (Cout): 1.0 µF (Ceramic, low ESR required for stability) ``` --- ### 4. Typical Applications Due to its high input voltage capability and low noise profile, it is commonly used in: * **Regulation of switching supplies:** To further clean up noise for sensitive ADCs/DACs. * **Industrial and Instrumentation:** High-voltage rails requiring precise 3.0V logic power. * **Medical Equipment:** Where reliability and low noise are critical. ---
    ✨ Follow-up Questions
    • ⤷ What are the advantages of the 'Exposed Pad' (EP) in the SOIC package for this LDO?
    • ⤷ How does the PSRR performance affect high-frequency switching noise filtering?
    • ⤷ Can this LDO be used with an input voltage higher than 20V in transient conditions?